Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button FXLS90130 Datasheet HTML 40Page - NXP Semiconductors FXLS90130 Datasheet HTML 41Page - NXP Semiconductors FXLS90130 Datasheet HTML 42Page - NXP Semiconductors FXLS90130 Datasheet HTML 43Page - NXP Semiconductors FXLS90130 Datasheet HTML 44Page - NXP Semiconductors FXLS90130 Datasheet HTML 45Page - NXP Semiconductors FXLS90130 Datasheet HTML 46Page - NXP Semiconductors FXLS90130 Datasheet HTML 47Page - NXP Semiconductors FXLS90130 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
A common timer is used for all error bits in the DEVSTAT1 register. If any bit in
DEVSTAT1 is set, the timer is reset to tUVOV_RCV. When no supply errors are present, the
timer is decremented until it reaches zero. This error is cleared based on the state of the
SUP_ERR_DIS bit in the DEVLOCK_WR register as shown in Table 51.
SUP_
ERR_DIS
DSI3 and SPI operating modes
(COMMTYPE =0, 2, 3 and 4)
PSI5 operating modes
(COMMTYPE =1 and 5)
I2C operating modes
(COMMTYPE =6, 7)
0
No Response until the supply
monitor timer expires. The
Sensor Data Field Error Code is
transmitted for one response after
the supply monitor timer expires.
A read of the DEVSTAT1 register
clears all supply errors, using any
communication interface or on a
data transmission that includes the
error in the status field, if and only if
the timer has reached zero.
1
No transmissions occur if the timer
is non-zero. The error is cleared
when the timer reaches zero and
normal transmissions resume.
No transmissions occur if the timer
is non-zero. The error is cleared
when the timer reaches zero and
normal transmissions resume.
No response until the supply
monitor timer expires.
A read of the DEVSTAT1 register
clears all supply errors.
Table 51. Supply error flag (SUPPLY_ERR)
11.2.2.5 Test mode (TESTMODE)
The test mode bit is set if the device is in test mode. The TESTMODE bit can be cleared
by a test mode operation or by a power cycle.
TESTMODE
Operating mode
0
Test mode is not active
1
Test mode is active
Table 52. Test mode (TESTMODE)
11.2.2.6 Device reset (DEVRES)
The device reset bit is set following a device reset. This error is cleared by a read of the
DEVSTAT register through any communication interface or on a data transmission that
includes the error in the status field.
DEVRES
Error condition
0
Normal operation
1
Device reset occurred
Table 53. Device reset (DEVRES)
11.2.2.7 Device initialization (DEVINIT)
The device initialization bit is set following either a device reset or a change to any of the
following bits: CHx_CFG_U1[7:2] or CHx_CFG_U3[1:0]. The bit is cleared once sensor
data is valid for read through one of the device communication inter-faces (tPOR_DataValid).
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
44 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com