Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 95 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button FXLS90130 Datasheet HTML 91Page - NXP Semiconductors FXLS90130 Datasheet HTML 92Page - NXP Semiconductors FXLS90130 Datasheet HTML 93Page - NXP Semiconductors FXLS90130 Datasheet HTML 94Page - NXP Semiconductors FXLS90130 Datasheet HTML 95Page - NXP Semiconductors FXLS90130 Datasheet HTML 96Page - NXP Semiconductors FXLS90130 Datasheet HTML 97Page - NXP Semiconductors FXLS90130 Datasheet HTML 98Page - NXP Semiconductors FXLS90130 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$C1
ICREVID
ICREVID[7:0]
Table 177. IC revision register
11.2.40 IC manufacturer identification register
The IC manufacturer identification register is a factory programmable OTP register
which identifies NXP as the IC manufacturer. This register is included in the factory
programmed OTP array error detection.
This register is readable in DSI3 mode, SPI mode, I2C mode or PSI5 Programming Mode
when ENDINIT is not set. See Section 11.2.10 for details on the register read process for
this register.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$C2
ICMFGID
0
0
0
0
0
0
1
0
Table 178. IC manufacturer identification register
11.2.41 Part number register
The part number registers are factory programmed OTP registers which include the
numeric portion of the device part number. These registers are included in the factory
programmed OTP array error detection.
These registers are readable in DSI3 mode, SPI mode, I2C mode or PSI5 Programming
Mode when ENDINIT is not set. See Section 11.2.10 for details on the register read
process for these registers.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$C4
PN0
PN0[7:0]
$C5
PN1
PN1[7:0]
Table 179. Part number register
PN1[7:4]
Pinout
Protocol type
0
User Selectable
1
SPI32
2
DSI3
3
PSI5
4
I2C
5 - 7
Standard
RESERVED
8
User Selectable
9
SPI32
10
DSI3
11
PSI5
12
Alternative
I2C
Table 180. Part number: Protocol type
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
95 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com