Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button FXLS90130 Datasheet HTML 70Page - NXP Semiconductors FXLS90130 Datasheet HTML 71Page - NXP Semiconductors FXLS90130 Datasheet HTML 72Page - NXP Semiconductors FXLS90130 Datasheet HTML 73Page - NXP Semiconductors FXLS90130 Datasheet HTML 74Page - NXP Semiconductors FXLS90130 Datasheet HTML 75Page - NXP Semiconductors FXLS90130 Datasheet HTML 76Page - NXP Semiconductors FXLS90130 Datasheet HTML 77Page - NXP Semiconductors FXLS90130 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
In PSI5 mode, the command blocking time bits set the PSI5 sync pulse blocking time in
1.0 µs increments, with zero as the default value of 450 µs. See Section 13.2.1 for details
regarding the PSI5 sync pulse receiver and command blocking.
Care must be taken to prevent from programming command blocking times which
prevent proper sync pulse decoding in the system and to ensure proper sampling of the
PSI5 voltage.
PDCM_CMD_B[12:0] Sync pulse blocking time
0, 1, 2, 3, 4, 5, 6, 7, 8, 9 450 µs
10 - 8191
Sync Pulse Blocking Time = PDCM_CMD_B x 1 µs
Table 126. PSI5 mode: Command blocking time bits
In SPI and I2C mode, the PDCM_CMD_B bits are readable and writable, but have no
impact on device operation or performance.
11.2.20 SPI configuration control register
In SPI mode, the SPI configuration control register is a user programmed read/write
register which contains the SPI protocol configuration information. This register is
included in the read/write array error detection.
This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
programming mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$3D
SPI_CFG
SPI_STATUS
DATASIZE
SPI_CRC_LEN[1:0]
SPICRCSEED[3:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 127. SPI configuration control register
11.2.20.1 SPI status reporting selection bit (SPI_STATUS)
The SPI status reporting bit controls the reporting of the SPI basic status as shown in
Table 128. See Section 14.5.
SPI_STATUS
SPI basic status reporting
0
As documented in Section 14.5.1
1
As documented in Section 14.5.2
Table 128. SPI status reporting selection bit (SPI_STATUS)
In DSI3 mode, the SPI_STATUS bit is readable and writable, but has no impact on device
operation or performance.
In PSI5 mode, the SPI_STATUS bit is readable and writable, but has no impact on device
operation or performance.
In I2C mode, the SPI_STATUS bit is readable and writable, but has no impact on device
operation or performance.
11.2.20.2 SPI data field size bit (DATASIZE)
The SPI data field size bit controls the size of the SPI data field as shown in Table 129.
See Section 11.6.4.9.
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
74 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com