Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button FXLS90130 Datasheet HTML 66Page - NXP Semiconductors FXLS90130 Datasheet HTML 67Page - NXP Semiconductors FXLS90130 Datasheet HTML 68Page - NXP Semiconductors FXLS90130 Datasheet HTML 69Page - NXP Semiconductors FXLS90130 Datasheet HTML 70Page - NXP Semiconductors FXLS90130 Datasheet HTML 71Page - NXP Semiconductors FXLS90130 Datasheet HTML 72Page - NXP Semiconductors FXLS90130 Datasheet HTML 73Page - NXP Semiconductors FXLS90130 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
11.2.17.4 Error message information extension bit (EMSG_EXT)
In PSI5 mode, the error message information extension bit enables or disables additional
PSI5 error message information as shown in Table 116.
EMSG_EXT Description
0
All internal Errors map to 0x1F4 (See Section 13.3.4)
1
Additional PSI5 reserved codes are used for internal error distinction (See
Section 13.3.4)
Table 116. Error message information extension bit (EMSG_EXT)
In DSI3 mode, the EMSG_EXT bit is readable and writable, but has no impact on device
operation or performance.
In SPI and I2C mode, the EMSG_EXT bit is readable and writable, but has no impact on
device operation or performance.
11.2.17.5 PSI5 response message error detection selection bit (P_CRC)
In PSI5 mode, the response message error detection selection bit selects either
even parity, or a 3-bit CRC for error detection of the PSI5 response message. See
Section 11.2.18.1 for details regarding response message error detection.
P_CRC
Parity or CRC
0
Parity
1
CRC
Table 117. PSI5 response message error detection selection bit (P_CRC)
In DSI3 mode, the P_CRC bit is readable and writable, but has no impact on device
operation or performance.
In SPI and I2C mode, the P_CRC bit is readable and writable, but has no impact on
device operation or performance.
11.2.17.6 Initialization phase 2 data extension bit (INIT2_EXT)
In PSI5 mode, the initialization phase 2 data extension bit enables or disables data
transmission in data fields D33 through D48 of PSI5 initialization phase 2 as shown in
Table 118.
INIT2_EXT
Description
0
D33 through D48 are not transmitted
1
D33 through D48 are transmitted as defined in Section 13.4.2.1
Table 118. Initialization phase 2 data extension bit (INIT2_EXT)
In DSI3 mode, the INIT2_EXT bit is readable and writable, but has no impact on device
operation or performance.
In SPI and I2C mode, the INIT2_EXT bit is readable and writable, but has no impact on
device operation or performance.
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
70 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com