Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button FXLS90130 Datasheet HTML 79Page - NXP Semiconductors FXLS90130 Datasheet HTML 80Page - NXP Semiconductors FXLS90130 Datasheet HTML 81Page - NXP Semiconductors FXLS90130 Datasheet HTML 82Page - NXP Semiconductors FXLS90130 Datasheet HTML 83Page - NXP Semiconductors FXLS90130 Datasheet HTML 84Page - NXP Semiconductors FXLS90130 Datasheet HTML 85Page - NXP Semiconductors FXLS90130 Datasheet HTML 86Page - NXP Semiconductors FXLS90130 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
INVERT Acceleration
sensor data
Fixed pattern
self-test
Digital self-test
Analog self-test
Temperature
Positive
Self-Test:
Delta from Offset inverted
from the specified values
in Section 10.8 (Negative
Values)
1
Inverted
polarity from
that shown
in Section 8
Digital Self-
Test Activation
results in the two's
complement of the
values specified in
Section 10.8.
Negative
Self-Test:
Delta from Offset as
specified in Section 10
Table 147. Signal inversion bit (INVERT)...continued
11.2.26.3 Offset cancellation filter selection bits (OC_FILT[1:0])
The offset cancellation filter selection bits provide the option to bypass the offset
cancellation filter and the rate limiting. See Section 11.6.4.6 for details regarding offset
cancellation.
OC_FILT[1]
OC_FILT[0]
Offset cancellation IIR filter
Offset cancellation
rate limiting
0
0
0.04 Hz
Enabled
0
1
0.04 Hz
Bypassed
1
0
0.005 Hz
Bypassed
1
1
Bypassed
Bypassed
Table 148. Offset cancellation filter selection bits (OC_FILT[1:0])
11.2.26.4 Arming pin configuration bits (ARM_CFG[2:0]) and PCM range selection bit (PCM)
The ARM configuration bits (ARM_CFG[2:0]) select the mode of operation for the arming
pins.
ARM_
CFG[2]
ARM_
CFG[1]
ARM_
CFG[0]
PCM
Operating mode
Output type
Reference
0
0
0
x
Arm/PCM Output
Disabled
High Impedance
0
0
1
0
Arm/PCM Output
Disabled
Driven Low
0
0
1
1
PCM Output
Digital Output
Section 11.8
0
1
0
x
Moving Average
Mode
Open-Drain, Active High with
Pull-down Current
Section 11.9.1
0
1
1
x
Moving Average
Mode
Open-Drain, Active Low with
Pull-up Current
Section 11.9.1
1
0
0
x
Count Mode
Open-Drain, Active High with
Pull-down Current
Section 11.9.2
1
0
1
x
Count Mode
Open-Drain, Active Low with
Pull-up Current
Section 11.9.2
Table 149. Arming pin configuration bits (ARM_CFG[2:0]) and PCM range selection bit (PCM)
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
83 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com