Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button FXLS90130 Datasheet HTML 2Page - NXP Semiconductors FXLS90130 Datasheet HTML 3Page - NXP Semiconductors FXLS90130 Datasheet HTML 4Page - NXP Semiconductors FXLS90130 Datasheet HTML 5Page - NXP Semiconductors FXLS90130 Datasheet HTML 6Page - NXP Semiconductors FXLS90130 Datasheet HTML 7Page - NXP Semiconductors FXLS90130 Datasheet HTML 8Page - NXP Semiconductors FXLS90130 Datasheet HTML 9Page - NXP Semiconductors FXLS90130 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
Ref
Des
Type
Description
Component value selection and range
Purpose
C4
Ceramic
0.47 µF,
10 %, 10 V
minimum,
X7R
The optimal value of this component should be
determined based on the system level micro-cut
immunity requirement. To achieve the specified
power supply rejection, the minimum value
including all tolerances is 0.22 µF. The maximum
specified value including all tolerances is 2 µF.
For optimal EMC performance, this component is
to be placed as close to the VBUF and BUSRTN
pins as possible.
Note:
The total bus capacitance must not exceed the values specified in the PSI5 standard.
Table 4. PSI5 parallel or universal mode external component recommendations...continued
[1]
R1 must be sized to handle both the programming current at the maximum rated temperature for programming and the operating current at the maximum
rated temperature for operation.
[2]
If the high baud rate is used, NXP recommends reducing the value of C2. The actual value depends on the bus configuration and number of slaves.
6.2.2 PSI5 daisy chain mode application diagram
VBUF
IDATA
VSS
VSS_OUT
VSS
C4
C3
C2
R3
R4
R2
BUSSW_L
VCC
VCE
R1
C1
M1
aaa-030558
Figure 4. PSI5 daisy chain mode application diagram
Ref
Des
Type
Description
Component value selection and range
Purpose
R1
General
purpose
82 Ω, 5 %,
200 PPM
The optimal value of this component should be
determined by the system level communication,
EMC, and ESD testing.
For proper device function, the minimum
value can be 0 Ohms. The maximum value is
determined by the minimum bus voltage provided
at the module pin and the minimum operating
voltage of the device. To meet the minimum
PSI5 operating voltage at the module pin, the
maximum resistance including all tolerances is
89.0 Ohms.
VCC filtering and signal damping
R2
General
purpose
27 Ω, 5 %,
200 PPM
The optimal value of this component should be
determined by the system level communication,
EMC, and ESD testing.
For proper device function, the minimum
value can be 0 Ohms. The maximum value
is determined by the minimum bus voltage
provided at the module pin. To meet the minimum
PSI5 operating voltage at the module pin, the
maximum resistance including all tolerances is
66.6 Ohms. If the low response current is used,
the maximum resistance including all tolerances
is 133 Ohms.
IDATA filtering and signal damping
Table 5. PSI5 daisy chain mode external component recommendations
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
6 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com