Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button FXLS90130 Datasheet HTML 59Page - NXP Semiconductors FXLS90130 Datasheet HTML 60Page - NXP Semiconductors FXLS90130 Datasheet HTML 61Page - NXP Semiconductors FXLS90130 Datasheet HTML 62Page - NXP Semiconductors FXLS90130 Datasheet HTML 63Page - NXP Semiconductors FXLS90130 Datasheet HTML 64Page - NXP Semiconductors FXLS90130 Datasheet HTML 65Page - NXP Semiconductors FXLS90130 Datasheet HTML 66Page - NXP Semiconductors FXLS90130 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
COMMTYPE
OSCTRAIN_SEL
Protocol to use for oscillator training
0
DSI3
0
1
SPI
0
PSI5
1
1
SPI
2
x
SPI
3
x
DSI3
4
x
SPI
5
x
PSI5
6
x
I2C
7
x
I2C
Table 96. Oscillator training protocol selection bit (OSCTRAIN_SEL)
11.2.14.3 Clock calibration value reset (CK_CAL_RST)
The clock calibration reset bit controls the state of the oscillator training when the
CK_CAL_EN bit is cleared as described in the table in Section 11.2.14.5. See
Section 11.5.1 for details regarding oscillator training.
11.2.14.4 Command and response mode period (CRM_PER[1:0])
In DSI3 mode, the command and response mode period bits set the period for command
and response mode commands in increments of the periodic data collection mode period
(PDCM_PER). This value is only necessary for DSI3 oscillator training and is only used
if the CK_CAL_EN bit is set in the TIMING_CFG register. command and response mode
commands will be decoded and responded to regardless of the value of this register
as long as the general command and response mode timing parameters specified in
Section 10.11 are met. See Section 11.5.1 for details regarding oscillator training.
In SPI and I2C mode, the CRM_PER[1:0] bits are readable and writable, but have no
impact on device operation or performance.
In PSI5 mode, the CRM_PER[1:0] bits are readable and writable, but have no impact on
device operation or performance.
CRM_PER[1]
CRM_PER[0]
Command and response mode period
(Multiples of the periodic data collection mode period)
0
0
1
0
1
2
1
0
4
1
1
8
Table 97. Command and response mode period (CRM_PER[1:0])
11.2.14.5 Clock calibration enable (CK_CAL_EN)
The clock calibration enable bit enables oscillator training over the DSI3, PSI5, SPI, or
I2C communication interface. See Section 11.5.1 for details regarding oscillator training.
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
63 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com