Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button FXLS90130 Datasheet HTML 88Page - NXP Semiconductors FXLS90130 Datasheet HTML 89Page - NXP Semiconductors FXLS90130 Datasheet HTML 90Page - NXP Semiconductors FXLS90130 Datasheet HTML 91Page - NXP Semiconductors FXLS90130 Datasheet HTML 92Page - NXP Semiconductors FXLS90130 Datasheet HTML 93Page - NXP Semiconductors FXLS90130 Datasheet HTML 94Page - NXP Semiconductors FXLS90130 Datasheet HTML 95Page - NXP Semiconductors FXLS90130 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$62
CH0_SNSDATA0_L
CH0_SNSDATA0[7:0]
$63
CH0_SNSDATA0_H
CH0_SNSDATA0[15:8]
Reset Value
0
0
0
0
0
0
0
0
Table 170. Sensor data #0 registers (CHx_SNSDATA0_L, CHx_SNSDATA0_H)
11.2.35 Sensor data #1 registers (CHx_SNSDATA1_L, CHx_SNSDATA1_H)
The sensor data #1 registers are read-only registers which contain the 16-bit sensor
data. The data type for the sensor data #1 registers is selected by the DATATYPE1 bits
in the CHx_CFG_U3 register. See Section 11.2.25.3. See Section 11.6.4.9 for details
regarding the 16-bit sensor data.
These registers are readable in DSI3 mode, SPI mode, I2C mode or PSI5 programming
mode. In I2C mode, the SNSDA-TA1_H register value is latched on a read of the
SNSDATA1_L register value until the SNSDATA1_H register is read. To avoid
data mismatch, it is required that the user always read the registers in sequence,
SNSDATA1_L register first, followed by the SNSDATA1_H register.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$64
CH0_SNSDATA1_L
CH0_SNSDATA1[7:0]
$65
CH0_SNSDATA1_H
CH0_SNSDATA1[15:8]
Reset Value
0
0
0
0
0
0
0
0
Table 171. Sensor data #1 registers (CHx_SNSDATA1_L, CHx_SNSDATA1_H)
11.2.36 Channel-specific factory configuration register (CHx_CFG_F)
The channel-specific configuration register is factory programmable OTP register which
contains channel specific configuration information. This register is included in the factory
programmed OTP array error detection.
This register is readable in DSI3 mode, SPI mode, I2C mode or PSI5 Programming Mode
when ENDINIT is not set. See Section 11.2.10 for details on the register read process for
this register.
Location
Bit
Address Register
7
6
5
4
3
2
1
0
$A0
CH0_
CFG_F
DEV_RANGE[3:0]
RESE
RVED
RESE
RVED
AXIS[1:0]
Table 172. Channel-specific factory configuration register (CHx_CFG_F)
11.2.36.1 Range indication bits (RANGE[3:0])
The range indication bits indicate the full scale range of the channel as shown in
Table 173.
RANGE[3]
RANGE[2]
RANGE[1]
RANGE[0]
Acceleration range
0
0
0
0
RESERVED
0
0
0
1
RESERVED
0
0
1
0
Medium
Table 173. Range indication bits (RANGE[3:0])
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
92 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com