Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button FXLS90130 Datasheet HTML 72Page - NXP Semiconductors FXLS90130 Datasheet HTML 73Page - NXP Semiconductors FXLS90130 Datasheet HTML 74Page - NXP Semiconductors FXLS90130 Datasheet HTML 75Page - NXP Semiconductors FXLS90130 Datasheet HTML 76Page - NXP Semiconductors FXLS90130 Datasheet HTML 77Page - NXP Semiconductors FXLS90130 Datasheet HTML 78Page - NXP Semiconductors FXLS90130 Datasheet HTML 79Page - NXP Semiconductors FXLS90130 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
11.2.21 Who Am I register
The Who Am I register is a user programmed read/write register which contains the
unique product identifier for I2C mode. The register is readable in all modes. This register
is included in the read/write array error detection.
This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address Register
7
6
5
4
3
2
1
0
$3E
WHO_
AM_I
WHO_AM_I[7:0]
Unprogrammed
OTP Value
0
0
0
0
0
0
0
0
Unprogrammed
Read Value
1
1
0
0
0
1
0
0
Table 131. Who Am I register
The default register value is 0x00. If the register value is 0x00, a value of 0xC4 is
transmitted in response to a read command. For all other register values, the actual
register value is transmitted in response to a read command.
WHO_AM_I Register Value (HEX)
Response to a register read command
0X00
0xC4
0X01 Through 0xFF
Actual register value
Table 132. WHO_AM_I bits
11.2.22 I2C slave address register
The I2C slave address register is a user programmed read/write register which contains
the unique I2C slave address. The register is readable in all modes. This register is
included in the read/write array error detection.
This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$3F
I2C_ADDRESS
I2C_ADDRESS[7:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Unprogrammed Read Value
0
1
1
0
0
0
0
0
Table 133. I2C slave address register
The default register value is 0x00. If the register value is 0x00, the I2C slave address is
0x60 and a value of 0x60 is transmitted in response to a read command. For all other
register values, the I2C slave address is the lower 7 bits of the actual register value and
the actual register value is transmitted in response to a read command.
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
76 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com