Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button FXLS90130 Datasheet HTML 63Page - NXP Semiconductors FXLS90130 Datasheet HTML 64Page - NXP Semiconductors FXLS90130 Datasheet HTML 65Page - NXP Semiconductors FXLS90130 Datasheet HTML 66Page - NXP Semiconductors FXLS90130 Datasheet HTML 67Page - NXP Semiconductors FXLS90130 Datasheet HTML 68Page - NXP Semiconductors FXLS90130 Datasheet HTML 69Page - NXP Semiconductors FXLS90130 Datasheet HTML 70Page - NXP Semiconductors FXLS90130 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
Initialization phase 2 data
PSI5_INIT2_
D19
D19
D20
Reference
0
SN4[7:4]
SN4[3:0]
Section 11.2.42, Section 13.4.2.1
1
USERDATA_6[7:4] USERDATA_E[7:4] Section 11.2.45.1, Section 13.4.2.1
Table 107. PSI5 initialization phase 2 D19 and D20 change bit (PSI5_INIT2_D19)
In DSI3 mode, SPI mode, and I2C mode, the PSI5_INIT2_D19 bit is readable and
writable, but has no impact on device operation or performance.
11.2.16.2 Oscillator training error counter (OSCTRAIN_ERRCNT[2:0])
The oscillator training error counter bits use the number of 4 ms periods used to
determine the error detection time for oscillator training as shown in Table 108. See
Section 11.5.2 for details regarding oscillator training error detection.
OSCTRAIN_ERRCNT[2:0]
4 ms periods counted
before the OSCTRAIN
error flag is set
Minimum time for
error detection
(ms)
0
0
0
64
256
0
0
1
1
4
0
1
0
2
8
0
1
1
4
16
1
0
0
8
32
1
0
1
16
64
1
1
0
32
128
1
1
1
64
256
Table 108. Oscillator training error counter (OSCTRAIN_ERRCNT[2:0])
11.2.16.3 Capacitor test disable bit (CAPTEST_OFF)
The capacitor test disable bit provides the option to disable the VBUF capacitor test in
DSI3 mode as shown in Table 109.
CAPTEST_OFF Capacitor test status
0
Capacitor test is operational as specified in Section 11.4.1
1
Capacitor test will not run
Table 109. Capacitor test disable bit (CAPTEST_OFF)
If a capacitor error is present, the VBUFUV_ERR bit is set in the DEVSTAT1 register as
specified in Section 11.4.1. The presence of the VBUFUV_ERR will prevent the user from
writing to the TIMING_CFG2 register to disable the capacitor test unless and until the
capacitor error recovers.
In SPI and I2C mode, the CAPTEST_OFF bit is readable and writable, but has no impact
on device operation or performance.
In PSI5 mode, the CAPTEST_OFF bit is readable and writable, but has no impact on
device operation or performance.
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
67 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com