Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button FXLS90130 Datasheet HTML 83Page - NXP Semiconductors FXLS90130 Datasheet HTML 84Page - NXP Semiconductors FXLS90130 Datasheet HTML 85Page - NXP Semiconductors FXLS90130 Datasheet HTML 86Page - NXP Semiconductors FXLS90130 Datasheet HTML 87Page - NXP Semiconductors FXLS90130 Datasheet HTML 88Page - NXP Semiconductors FXLS90130 Datasheet HTML 89Page - NXP Semiconductors FXLS90130 Datasheet HTML 90Page - NXP Semiconductors FXLS90130 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
11.2.28.2 Arming pulse stretch (ARM_PS[1:0])
The ARM_PS[1:0] bits set the programmable pulse stretch time for the arming outputs.
See Section 11.9 for more details regarding the arming function. Pulse stretch times are
derived from the internal oscillator, so the tolerance on this oscillator applies.
ARM_PS[1]
ARM_PS[0]
Pulse stretch time (typical oscillator)
0
0
0 ms
0
1
128.000 ms - 130.048 ms
1
0
512.000 ms - 514.048 ms
1
1
2048.000 ms - 2050.048 ms
Table 156. Arming pulse stretch (ARM_PS[1:0])
11.2.28.3 Arming window size (ARM_WS_N[1:0], A_WS_P[1:0])
The ARM_WS_N[1:0] and ARM_WS_P[1:0] bits have a different function depending on
the state of the ARM_CFG bits in the CHx_CFG_U3 registers. See Section 11.9 for more
details regarding the arming function. If the arming function is set to moving average
mode, the ARM_WS bits set the number of sensor samples used for the arming function
moving aver-age. The number of samples is set independently for each polarity. If the
arming function is set to count mode, the ARM_WS bits set the sample count limit for the
arming function.
ARM_WS_P[1]
ARM_WS_P[0]
Positive window size
0
0
2
0
1
4
1
0
8
1
1
16
Table 157. Positive arming window size definitions (moving average mode)
ARM_WS_N[1]
ARM_WS_N[0]
Negative window size
0
0
2
0
1
4
1
0
8
1
1
16
Table 158. Negative arming window size definitions (moving average mode)
ARM_WS_N[1]
ARM_WS_N[0]
ARM_WS_P[1]
ARM_WS_P[0]
Sample count limit
Don't Care
Don't Care
0
0
1
Don't Care
Don't Care
0
1
3
Don't Care
Don't Care
1
0
7
Don't Care
Don't Care
1
1
15
Table 159. Arming count limit definitions (count mode)
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
87 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com