Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 32 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 28Page - Analog Devices LTM2987 Datasheet HTML 29Page - Analog Devices LTM2987 Datasheet HTML 30Page - Analog Devices LTM2987 Datasheet HTML 31Page - Analog Devices LTM2987 Datasheet HTML 32Page - Analog Devices LTM2987 Datasheet HTML 33Page - Analog Devices LTM2987 Datasheet HTML 34Page - Analog Devices LTM2987 Datasheet HTML 35Page - Analog Devices LTM2987 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 114 page
background image
LTC2971
32
Rev. 0
For more information www.analog.com
Note 1: Data Formats
L11
Linear_5s_11s PMBus data field b[15:0].
Value = Y • 2N where N = b[15:11] is a 5-bit two’s complement integer and Y = b[10:0] is an 11-bit two’s complement integer.
Example:
READ_VIN = 10V
For b[15:0] = 0xD280 = 1101_0010_1000_0000b
Value = 640 • 2–6 = 10
See PMBus Rev 1.1 Spec Part II: Paragraph 7.1.
L16
Linear_16u
PMBus data field b[15:0].
Value = Y • 2N where Y = b[15:0] is an unsigned integer and N = Vout_mode_parameter is a 5-bit two’s complement exponent
that is hardwired to –10 decimal. The LTC2971-3 Channel 1 has a –13 decimal.
Example:
VOUT_COMMAND = 4.75V
For b[15:0] = 0x1300 = 0001_0011_0000_0000b
Value = 4864 • 2–10 = 4.75
See PMBus Rev 1.1 Spec Part II: Paragraph 8.3.1.
Reg
Register
PMBus data field b[15:0] or b[7:0].
Bit field meaning is defined in detailed PMBus Command Register Description.
CF
Custom Format PMBus data field b[15:0].
Value is defined in detailed PMBus Command Register Description. This is often an unsigned or two’s complement integer
scaled by an MFR specific constant.
Note 2: When two default values are shown, the first default value applies to LTC2971, LTC2971-1, LTC2971-2, and LTC2971-3
Channel 0. The second default value applies to LTC2971-3 Channel 1.
Summary Table
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT
(Note 1) UNITS EEPROM
DEFAULT
VALUE:
FLOAT HEX
(Note 2)
REF
PAGE
MFR_FAULT_LOG_
CLEAR
0xEC Initialize the EEPROM block reserved for
fault logging and clear any previous fault
logging locks.
Send Byte
N
NA
82
MFR_FAULT_LOG_
STATUS
0xED Fault logging status.
R Byte
N
Reg
Y
NA
82
MFR_FAULT_LOG
0xEE Fault log data bytes. This sequentially
retrieved data is used to assemble a
complete fault log.
R Block
N
Reg
Y
NA
82
MFR_COMMON
0xEF Manufacturer status bits that are common
across multiple ADI chips.
R Byte
N
Reg
NA
75
MFR_IOUT_CAL_GAIN_
TC
0xF6 Temperature coefficient applied to IOUT_
CAL_GAIN.
R/W Word
Y
CF
ppm
Y
0x0000
57
MFR_RETRY_COUNT
0xF7 Retry count for all faulted off conditions that
enable retry.
R/W Byte
N
Reg
Y
0x07
68
MFR_TEMP_1_GAIN
0xF8 Inverse of external diode temperature non
ideality factor. One LSB = 2–14.
R/W Word
Y
CF
Y
1
0x4000
58
MFR_TEMP_1_OFFSET
0xF9 Offset value for the external temperature.
R/W Word
Y
L11
°C
Y
0
0x8000
58
MFR_IOUT_SENSE_
VOLTAGE
0xFA Absolute value of the voltage between
IOUT_SNSPn and IOUT_SNSMn. One LSB =
3.05µV or 91.5µV.
R Word
Y
CF
3.05µV
NA
80
MFR_VOUT_MIN
0xFB Minimum measured value of READ_VOUT.
R Word
Y
L16
V
NA
80
MFR_VIN_MIN
0xFC Minimum measured value of READ_VIN.
R Word
N
L11
V
NA
80
MFR_TEMPERATURE_1_
MIN
0xFD Minimum measured value of READ_
TEMPERATURE_1.
R Word
Y
L11
°C
NA
81
PMBus COMMAND SUMMARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com