Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 63 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 63 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 59Page - Analog Devices LTM2987 Datasheet HTML 60Page - Analog Devices LTM2987 Datasheet HTML 61Page - Analog Devices LTM2987 Datasheet HTML 62Page - Analog Devices LTM2987 Datasheet HTML 63Page - Analog Devices LTM2987 Datasheet HTML 64Page - Analog Devices LTM2987 Datasheet HTML 65Page - Analog Devices LTM2987 Datasheet HTML 66Page - Analog Devices LTM2987 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 114 page
background image
LTC2971
63
Rev. 0
For more information www.analog.com
MFR_PG_CONFIG Data Contents
BIT(S)
SYMBOL
OPERATION
b[15]
Mfr_pg_fault_sel_vout_ov
1: Output overvoltage mapped to PG pin with additional deglitching equal to Mfr_pg_ov_uv_deglitch.
Only applies if Mfr_pg_operation=10b or 11b.
0: Output overvoltage not mapped to PG pin.
b[14]
Mfr_pg_fault_sel_vout_uv
1: Output undervoltage mapped to PG pin with additional deglitching equal to Mfr_pg_ov_uv_deglitch.
Only applies if Mfr_pg_operation=10b or 11b.
0: Output overvoltage not mapped to PG pin.
b[13]
Mfr_pg_fault_sel_iout_oc
Not supported
b[12]
Mfr_pg_fault_sel_iout_uc
Not supported
b[11]
Mfr_pg_fault_sel_temp_ot
1: Overtemperature mapped to PG pin. Only applies if Mfr_pg_operation=10b or 11b.
0: Overtemperature not mapped to PG pin.
b[10]
Mfr_pg_fault_sel_temp_ut
1: Undertemperature mapped to PG pin. Only applies if Mfr_pg_operation=10b or 11b.
0: Undertemperature not mapped to PG pin.
b[9]
Mfr_pg_fault_sel_vin_ov
1: Input overvoltage mapped to PG pin. Only applies if Mfr_pg_operation=10b or 11b.
0: Input overvoltage not mapped to PG pin.
b[8]
Mfr_pg_fault_sel_vin_uv
1: Input undervoltage mapped to PG pin. Only applies if Mfr_pg_operation=10b or 11b.
0: Input undervoltage not mapped to PG pin.
b[7]
Mfr_pg_fault_sel_ton_max
1: TON_MAX_FAULT sequencing fault mapped to PG pin. Only applies if Mfr_pg_operation=10b or 11b.
0: TON_MAX_FAULT sequencing fault not mapped to PG pin.
b[6]
Mfr_pg_fault_sel_vout_en
1: Inverted output enable mapped to PG pin.
0: Inverted output enable not mapped to PG pin.
b[5]
Reserved
Reserved, always returns 0
b[4:2]
Mfr_pg_ov_uv_deglitch
Additional deglitch value for assertion and de-assertion of overvoltage and undervoltage signals to PG:
111b: 100ms
110b: 50ms
101b: 20ms
100b: 10ms
011b: 5ms
010b: 1ms
001b:200μs
000b: There is no additional deglitch delay applied to the signal
b[1:0]
Mfr_pg_operation
11b: Active Hi-Z propagation of faults according to Mfr_pg_fault_sel
10b: Active low propagation of faults according to Mfr_pg_fault_sel
01b: Reserved
00b: Force PG pin to value set by Mfr_pg_gpo_force in MFR_PG_GPO register
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com