Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 72 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 72 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 68Page - Analog Devices LTM2987 Datasheet HTML 69Page - Analog Devices LTM2987 Datasheet HTML 70Page - Analog Devices LTM2987 Datasheet HTML 71Page - Analog Devices LTM2987 Datasheet HTML 72Page - Analog Devices LTM2987 Datasheet HTML 73Page - Analog Devices LTM2987 Datasheet HTML 74Page - Analog Devices LTM2987 Datasheet HTML 75Page - Analog Devices LTM2987 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 114 page
background image
LTC2971
72
Rev. 0
For more information www.analog.com
STATUS_VOUT
The STATUS_VOUT command returns the summary of the output voltage faults or warnings which have occurred, as
shown in the following table:
STATUS_VOUT Data Contents
BIT(S) SYMBOL
OPERATION
b[7] Status_vout_ov_fault
Overvoltage fault.
b[6] Status_vout_ov_warn
Overvoltage warning.
b[5] Status_vout_uv_warn
Undervoltage warning.
b[4] Status_vout_uv_fault
Undervoltage fault.
b[3] Status_vout_max_warn
VOUT_MAX warning. An attempt has been made to set the output voltage to a value higher than allowed by the
VOUT_MAX command.
b[2] Status_vout_ton_max_fault TON_MAX_FAULT sequencing fault.
b[1] Status_vout_toff_max_warn Not supported. Always returns 0.
b[0] Status_vout_tracking_error Not supported. Always returns 0.
STATUS_IOUT
The STATUS_IOUT command returns the summary of the output current faults or warnings which have occurred, as
shown in the following table:
STATUS_IOUT Data Contents
BIT(S) SYMBOL
OPERATION
b[7] Status_iout_oc_fault
Not supported. Always returns 0.
b[6] Status_iout_oc_uv_fault
Not supported. Always returns 0.
b[5] Status_iout_oc_warn
Overcurrent warning.
b[4] Status_iout_uc_fault
Not supported. Always returns 0.
b[3] Status_curr_share_fault
Not supported. Always returns 0.
b[2] Status_pout_power_limiting
Not supported. Always returns 0.
b[1] Status_pout_overpower_fault
Not supported. Always returns 0.
b[0] Status_pout_overpower_warn Not supported. Always returns 0.
STATUS_INPUT
The STATUS_INPUT command returns the summary of the VIN faults or warnings which have occurred, as shown in
the following table:
STATUS_INPUT Data Contents
BIT(S) SYMBOL
OPERATION
b[7] Status_input_ov_fault VIN overvoltage fault.
b[6] Status_input_ov_warn VIN overvoltage warning.
b[5] Status_input_uv_warn VIN undervoltage warning.
b[4] Status_input_uv_fault VIN undervoltage fault.
b[3] Status_input_off
Unit is off for insufficient input voltage.
b[2] IIN overcurrent fault
Not supported. Always returns 0.
b[1] IIN overcurrent warn
Not supported. Always returns 0.
b[0] PIN overpower warn
Not supported. Always returns 0.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com