Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 5Page - Analog Devices LTM2987 Datasheet HTML 6Page - Analog Devices LTM2987 Datasheet HTML 7Page - Analog Devices LTM2987 Datasheet HTML 8Page - Analog Devices LTM2987 Datasheet HTML 9Page - Analog Devices LTM2987 Datasheet HTML 10Page - Analog Devices LTM2987 Datasheet HTML 11Page - Analog Devices LTM2987 Datasheet HTML 12Page - Analog Devices LTM2987 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 114 page
background image
LTC2971
9
Rev. 0
For more information www.analog.com
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VVPWR = 12V, VVDDIO = VVDD33,VDD33, VDD25, REFP, and REFM pins
floating, unless otherwise indicated. CVDD33 = 100nF, CVDD25 = 100nF, and CREF = 100nF. (Note 2)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TUE_VS_VOUT Total Unadjusted Error
Low Resolution
Mode
9V ≤ |VIN_VS| ≤ 60V
l
±1.5
% of Reading
0V ≤ |VIN_VS| ≤ 9V
l
±135
mV
LTC2971-3, 0.5V ≤
VVOUT_SNS1 – VGNDSNS1
≤ 1.8V
l
±1.25 % of Reading
LTC2971-3, 0V ≤
VVOUT_SNS1 – VGNDSNS1
≤ 0.5V
l
±6
mV
High Resolution
Mode
4.5V ≤ |VIN_VS| ≤ 34V
l
±1.25 % of Reading
0V ≤ |VIN_VS| ≤ 4.5V
l
±56
mV
LTC2971-3, 0.5V ≤
VVOUT_SNS1 – VGNDSNS1
≤ 1.5V
l
±1.25 % of Reading
LTC2971-3, 0V ≤
VVOUT_SNS1 – VGNDSNS1
≤ 0.5V
l
±6
mV
tS_VS
Update Rate
12.21
μs
VIN_SNS Input Characteristics
VIN_SNS
VIN_SNS Input Voltage Range
(Note 11)
l
0
60
V
RVIN_SNS
VIN_SNS Input Resistance
l
400
500
625
kΩ
TUE_VS_VIN
VIN_ON, VIN_OFF Threshold Total
Unadjusted Error
Low Resolution
Mode
9V ≤ VIN_SNS ≤ 60V
l
±1.5
% of Reading
0V ≤ VIN_SNS ≤ 9V
l
±135
mV
High Resolution
Mode
4.5V ≤ VIN_SNS ≤ 34V
l
±1.25 % of Reading
0V ≤ VIN_SNS ≤ 4.5V
l
±56
mV
TUE_ADC_
VIN
READ_VIN Total Unadjusted Error
10V ≤ VIN_SNS ≤ 60V
l
±0.5
% of Reading
0V ≤ VIN_SNS ≤ 10V (Note 11)
l
±50
mV
DAC Soft-Connect Comparator Characteristics
VOS_CMP
Offset Voltage
VDACn programmed to 0.2V
l
±1
±18
mV
VDACn programmed to 1.38V
l
±2
±26
mV
VDACn programmed to 2.65V
l
±3
±52
mV
Input Current Sense Characteristics
VIIN
Input Range
Single-Ended Voltage: VIIN_SNSP, VIIN_SNSM
(Note 11)
l
3
60
V
Differential Current Sense Voltage:
VIIN_SNSP – VIIN_SNSM
l
–80
80
mV
IIIN
Input Current
IIN_SNSP and IIN_SNSM Inputs
±10
μA
Differential Input Current
IIN_SNSPn and IIN_SNSMn Inputs, |VIN_DIFF| = 80mV
±0.1
μA
TUE_ADC_IIN Total Unadjusted Error
20mV ≤ |VIIN_SNSP – VIIN_SNSM| ≤ 80mV
l
±0.6
% of Reading
|VIIN_SNSP – VIIN_SNSM | ≤ 20mV
l
±120
μV
VOS_IIN
Offset Error
VIIN_SNSP = VIIN_SNSM
l
±70
μV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com