Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 93 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 93 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 89Page - Analog Devices LTM2987 Datasheet HTML 90Page - Analog Devices LTM2987 Datasheet HTML 91Page - Analog Devices LTM2987 Datasheet HTML 92Page - Analog Devices LTM2987 Datasheet HTML 93Page - Analog Devices LTM2987 Datasheet HTML 94Page - Analog Devices LTM2987 Datasheet HTML 95Page - Analog Devices LTM2987 Datasheet HTML 96Page - Analog Devices LTM2987 Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 114 page
background image
LTC2971
93
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The RSENSE value should be chosen to encompass the
maximum input signal in the ±80mV input range. After
selecting RSENSE, write its value in mΩ to the MFR_IIN_
CAL_GAIN register, and READ_IIN will return the sensed
current in amps.
MEASURING INPUT VOLTAGE
READ_VIN returns input voltage on the VIN_SNS pin.
TUE_VIN reflects READ_VIN measurement error.
MEASURING INPUT POWER
READ_PINreturnsinputpowerinwattscalculatedfromthe
product of the most recent VVIN_SNSand IIN_SNS measure-
ments. Although the Electrical Characteristics table only
specifies READ_PIN Total Unadjusted Error (TUE_PIN)
under typical conditions, TUE_PIN is actually bounded
by the sum of TUE_IIN and TUE_VIN.
TUE_PIN ≤ TUE_IIN + TUE_VIN
For example, if 15mV < |VIIN_SNS| < 50mV, TUE_IIN ≤
1% and TUE_PIN is less than 1% (TUE_IIN) + 0.5%
(TUE_VIN) = 1.5%.
Since current sense ranges include positive and negative
inputs, READ_PIN returns signed values indicating power
transfer magnitude and direction.
MEASURING INPUT ENERGY
The 12 byte data block, MFR_EIN, contains a 48-bit accu-
mulated energy measurement in mJ, Energy_value[47:0],
and a 48-bit elapsed time in milliseconds since energy
began accumulating, Energy_time[47:0]. Refer to INPUT
CURRENT AND ENERGY and MFR_COMMAND_PLUS
sections of the PMBUS COMMAND DESCRIPTION for
accumulated energy and elapsed time data access details.
Energy_value can accumulate up to (248-1) mJ of energy
before wrapping. Energy can accumulate for (248-1) ms,
or about 8925 years, before Energy_time wraps. Ac-
cumulation of negative power measurements decreases
Energy_value, and the energy meter saturates when it
reaches 0 millijoules.
Theenergymetertimebaseerror(TUE_ETB)specifieserror
in the internal energy time base accuracy: Energy_time is
accurate with maximum error of TUE_ETB. Accumulated
energyincludeserrorsfromcurrentsensemeasurements,
voltage sense measurements, and the internal time base.
Energy_value error (TUE_EIN) is bounded by the summa-
tion of TUE_IIN, TUE_VIN, and TUE_ETB:
TUE_EIN ≤ TUE_IIN + TUE_VIN + TUE_ETB
For example, if VIIN_SNS = 20mV, TUE_IIN is less than
1% error, TUE_VIN is less than 0.5% error, and TUE_ETB
is less than 1% error. Therefore the energy measurement
error (TUE_EIN) is less than 2.5%.
SEQUENCE, SERVO, MARGIN AND RESTART
OPERATIONS
Command Units On or Off
Three control parameters determine how a particular
channel is turned on and off: The CONTROL pins, the
OPERATION command and the value of the input voltage
measured at the VIN_SNS pin (VIN). In all cases, VIN must
exceed VIN_ON in order to enable the device to respond
to the CONTROL pins or OPERATION commands. When
VIN drops below VIN_OFF an immediate OFF or sequence
off after TOFF_DELAY of both channels will result (See
Mfr_config_track_enn). Refer to the OPERATION sec-
tion in the data sheet for a detailed description of the
ON_OFF_CONFIG command.
Some examples of typical ON/OFF configurations are:
1. A DC/DC converter may be configured to turn on any
time VIN exceeds VIN_ON.
2. A DC/DC converter may be configured to turn on only
when it receives an OPERATION command.
3. A DC/DC converter may be configured to turn on only
via the CONTROL pin.
4. A DC/DC converter may be configured to turn on only
when it receives an OPERATION command and the
CONTROL pin is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com