Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 26 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 22Page - Analog Devices LTM2987 Datasheet HTML 23Page - Analog Devices LTM2987 Datasheet HTML 24Page - Analog Devices LTM2987 Datasheet HTML 25Page - Analog Devices LTM2987 Datasheet HTML 26Page - Analog Devices LTM2987 Datasheet HTML 27Page - Analog Devices LTM2987 Datasheet HTML 28Page - Analog Devices LTM2987 Datasheet HTML 29Page - Analog Devices LTM2987 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 114 page
background image
LTC2971
26
Rev. 0
For more information www.analog.com
SLAVE ADDRESS
COMMAND CODE
DATA BYTE LOW
Wr A
A
A P
2971 F05
S
7
8
8
1
DATA BYTE HIGH
8
PEC
8
1
1 1
1
1 1
1
A
A
Figure 5. Write Word Protocol with PEC
SLAVE ADDRESS Wr A
A P
2971 F06
S
7
8
1 1
1 1
1
COMMAND CODE
Figure 6. Send Byte Protocol
OPERATION
SLAVE ADDRESS
COMMAND CODE
PEC
Wr A
A
A P
2971 F07
S
7
8
8
1 1
1
1 1
1
SLAVE ADDRESS
COMMAND CODE
SLAVE ADDRESS
Wr A
A
S
7
8
7
1
BYTE COUNT = N
8
1
1 1
1
Sr
1
1
A
1
Rd
A
• • •
• • •
A P
2971 F12
DATA BYTE N
8
1 1
A
DATA BYTE 1
8
DATA BYTE 2
8
1
1
A
SLAVE ADDRESS
COMMAND CODE
SLAVE ADDRESS
Wr A
A
A P
2971 F08
S
7
8
7
1
DATA BYTE LOW
8
DATA BYTE HIGH
8
1
1 1
1
Sr
1
1 1
1
A
1
Rd
A
SLAVE ADDRESS
COMMAND CODE
SLAVE ADDRESS
Wr A
A
A
P
A
2971 F09
S
7
8
7
1
DATA BYTE LOW
8
DATA BYTE HIGH
PEC
8
8
1
1 1
1
1
1
1
1
Sr
1
A
1
Rd
A
SLAVE ADDRESS
COMMAND CODE
SLAVE ADDRESS
Wr A
A Sr
P
2971 F10
S
7
8
7
1
1
DATA BYTE
8
1
1 1
1
1
1
1
A
Rd
A
SLAVE ADDRESS
COMMAND CODE
SLAVE ADDRESS
Wr A
A Sr
P
2971 F11
S
7
8
7
1
1
DATA BYTE
8
1
1 1
1
1
1
1
A
Rd
A
1
A
PEC
A P
2971 F13
PEC
8
1 1
SLAVE ADDRESS
COMMAND CODE
SLAVE ADDRESS
Wr A
A
S
7
8
7
1
BYTE COUNT = N
8
1
1 1
1
Sr
1
1
A
1
Rd
A
• • •
• • •
A
DATA BYTE N
8
1
A
DATA BYTE 1
8
DATA BYTE 2
8
1
1
A
Figure 7. Send Byte Protocol with PEC
Figure 8. Read Word Protocol
Figure 9. Read Word Protocol with PEC
Figure 10. Read Byte Protocol
Figure 11. Read Byte Protocol with PEC
Figure 12. Block Read
Figure 13. Block Read with PEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com