Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 53 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 53 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 49Page - Analog Devices LTM2987 Datasheet HTML 50Page - Analog Devices LTM2987 Datasheet HTML 51Page - Analog Devices LTM2987 Datasheet HTML 52Page - Analog Devices LTM2987 Datasheet HTML 53Page - Analog Devices LTM2987 Datasheet HTML 54Page - Analog Devices LTM2987 Datasheet HTML 55Page - Analog Devices LTM2987 Datasheet HTML 56Page - Analog Devices LTM2987 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 114 page
background image
LTC2971
53
Rev. 0
For more information www.analog.com
MFR_IIN_CAL_GAIN
The MFR_IIN_CAL_GAIN command is used to set the ratio of the voltage at the input current sense pins to the sensed
current. For devices using a fixed current sense resistor, it is the same value as the resistance of the sense resistor
(units are expressed in mΩ). MFR_IIN_CAL_GAIN is internally limited to values between 0.01mΩ to 1,000mΩ. The
register readback value always returns what was last written and does not reflect internal limiting.
Calculations using IIN_CAL_GAIN are:
READ_IIN
=
VIIN_SNSPn − VIIN_SNSMn
(MFR_IIN_CAL _GAIN)• TCORRECTION
where:
TCORRECTION = [1 + MFR_IIN_CAL_GAIN_TC • 1E-6 • (READ_TEMPERATURE_2 – 25.0)]
Note:
TCORRECTION is limited by hardware to a value between 0.25 and 4.0.
READ_TEMPERATURE_2 is the internal die temperature.
MFR_IIN_CAL_GAIN_TC
The MFR_IIN_CAL_GAIN_TC sets the temperature coefficient of the MFR_IIN_CAL_GAIN register value in ppm/°C.
This command uses the internal die temperature.
Refer to MFR_IIN_CAL_GAIN for details on proper usage.
MFR_IIN_CAL_GAIN_TC Data Contents
BIT(S) SYMBOL
OPERATION
b[15:0] Mfr_iin_cal_gain_tc
16-bit twos complement integer representing the temperature coefficient.
Value = Y where Y = b[15:0] is a twos complement number.
Example:
Mfr_iin_cal_gain_tc = 3900ppm
For b[15:0] = 0x0F3C, Value = 3900
MFR_CLEAR_ENERGY
This send byte command clears the accumulated energy and time value in MFR_EIN and can be written even when
the LTC2971 is write-protected with level 2 protection. The LTC2971 may internally delay the application of this
command by up to tUPDATE_ADC, in order to avoid corrupting an ongoing energy calculation.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com