Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 30Page - Analog Devices LTM2987 Datasheet HTML 31Page - Analog Devices LTM2987 Datasheet HTML 32Page - Analog Devices LTM2987 Datasheet HTML 33Page - Analog Devices LTM2987 Datasheet HTML 34Page - Analog Devices LTM2987 Datasheet HTML 35Page - Analog Devices LTM2987 Datasheet HTML 36Page - Analog Devices LTM2987 Datasheet HTML 37Page - Analog Devices LTM2987 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 114 page
background image
LTC2971
34
Rev. 0
For more information www.analog.com
WRITE_PROTECT
The WRITE_PROTECT command provides protection against accidental programming of the LTC2971 command
registers. All supported commands may have their parameters read, regardless of the WRITE_PROTECT setting, and
the EEPROM contents can also be read regardless of the WRITE_PROTECT settings.
There are two levels of protection:
• Level 1: Nothing can be changed except the level of write protection itself. Values can be read from both pages.
This setting can be stored to EEPROM.
• Level 2: Nothing can be changed except for the level of protection, channel ON/OFF state, clearing of faults and
energy, and PG pin general-purpose output force states. Values can be read from both pages. This setting can be
stored to EEPROM.
WRITE_PROTECT Data Contents
BIT(S) SYMBOL
OPERATION
b[7:0] Write_protect[7:0] 1000_0000b: Level 1 Protection – Disable all writes except to the WRITE_PROTECT, PAGE, MFR_EE_UNLOCK, STORE_
USER_ALL and MFR_COMMAND_PLUS commands.
0100_0000b: Level 2 Protection – Disable all writes except to the WRITE_PROTECT, PAGE, MFR_EE_UNLOCK, STORE_
USER_ALL, OPERATION, MFR_COMMAND_PLUS, MFR_PAGE_FF_MASK, MFR_CLEAR_ENERGY, MFR_PG_GPO, and
CLEAR_FAULTS commands.
0000_0000b: Enable writes to all commands.
xxxx_xxxxb: All other values reserved.
WRITE PROTECT Pin
The WP pin allows the user to write-protect the LTC2971’s configuration registers. The WP pin is active high, and when
asserted it provides Level 2 protection: all writes are disabled except to the WRITE_PROTECT, PAGE, MFR_EE_UNLOCK,
STORE_USER_ALL,OPERATION,MFR_COMMAND_PLUS,MFR_PAGE_FF_MASK,CLEAR_FAULTS,MFR_PG_GPO,and
MFR_CLEAR_ENERGY commands. The most restrictive setting between the WP pin and WRITE_PROTECT command
will override. For example if WP = 1 and WRITE_PROTECT = 0x80, then the WRITE_PROTECT command overrides,
since it is the most restrictive.
WP Pin
State
WRITE_PROTECT
Command Value
Write Protect Level
Low
0x00
No write protection
0x40
Level 2
0x80
Level 1
High
0x00
Level 2
0x40
Level 2
0x80
Level 1
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com