Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 83 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 83 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 79Page - Analog Devices LTM2987 Datasheet HTML 80Page - Analog Devices LTM2987 Datasheet HTML 81Page - Analog Devices LTM2987 Datasheet HTML 82Page - Analog Devices LTM2987 Datasheet HTML 83Page - Analog Devices LTM2987 Datasheet HTML 84Page - Analog Devices LTM2987 Datasheet HTML 85Page - Analog Devices LTM2987 Datasheet HTML 86Page - Analog Devices LTM2987 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 114 page
background image
LTC2971
83
Rev. 0
For more information www.analog.com
During a Mfr_fault_log read, data is returned one byte at
a time as defined in Table 4. The fault log data is parti-
tioned into two sections. The first section is referred to
as the preamble and contains the Position_last pointer,
time information and peak and min values. The second
section contains a chronological record of telemetry and
requires Position_last for proper interpretation. The fault
log stores approximately 300ms seconds of telemetry. To
prevent timeouts during block reads, it is recommended
that Mfr_config_all_longer_pmbus_timeout be set to 1.
Table 4. Data Block Contents
DATA
BYTE* DESCRIPTION
Position_last[7:0]
0
Position of fault log pointer
when fault occurred.
Reserved
1
Always returns 0x00.
SharedTime[7:0]
2
41-bit share-clock counter value
when fault occurred. Counter
LSB is in 200μs increments.
This counter is cleared at power-
up or after the LTC2971 is reset.
SharedTime[15:8]
3
SharedTime[23:16]
4
SharedTime[31:24]
5
SharedTime[39:32]
6
SharedTime[40]
7
Mfr_first_fault[7:0]
8
Mfr_first_fault[15:8]
9
FirstFaultTime
10
Least significant 8 bits of the
share-clock counter captured
at the time the first fault is
detected.
Mfr_vout_peak0[7:0]
11
Mfr_vout_peak0[15:8]
12
Mfr_vout_min0[7:0]
13
Mfr_vout_min0[15:8]
14
Mfr_temperature_peak0[7:0]
15
Mfr_temperature_peak0[15:8]
16
Mfr_temperature_min0[7:0]
17
Mfr_temperature_min0[15:8]
18
Mfr_iout_peak0[7:0]
19
Mfr_iout_peak0[15:8]
20
Mfr_iout_min0[7:0]
21
Mfr_iout_min0[15:8]
22
Mfr_vin_peak[7:0]
23
Mfr_vin_peak[15:8]
24
Mfr_vin_min[7:0]
25
Table 4. Data Block Contents
DATA
BYTE* DESCRIPTION
Mfr_vin_min[15:8]
26
Mfr_iin_peak[7:0]
27
Mfr_iin_peak[15:8]
28
Mfr_iin_min[7:0]
29
Mfr_iin_min[15:8]
30
Mfr_pin_peak[7:0]
31
Mfr_pin_peak[15:8]
32
Mfr_pin_min[7:0]
33
Mfr_pin_min[15:8]
34
Mfr_vout_peak1[7:0]
35
Mfr_vout_peak1[15:8]
36
Mfr_vout_min1[7:0]
37
Mfr_vout_min1[15:8]
38
Mfr_temperature_peak1[7:0]
39
Mfr_temperature_peak1[15:8]
40
Mfr_temperature_min1[7:0]
41
Mfr_temperature_min1[15:8]
42
Mfr_iout_peak1[7:0]
43
Mfr_iout_peak1[15:8]
44
Mfr_iout_min1[7:0]
45
Mfr_iout_min1[15:8]
46
Status_vout0[7:0]
47
Status_iout0[7:0]
48
Status_mfr_specific0[7:0]
49
Mfr_status_2_0[7:0]
50
Reserved bits[15:8] not stored
Status_vout1[7:0]
51
Status_iout1[7:0]
52
Status_mfr_specific1[7:0]
53
Mfr_status_2_1[7:0]
54
55 bytes for preamble
Fault_log [Position_last]
55
Fault_log [Position_last-1]
56
...
Fault_log [Position_last-170]
237
Reserved
238-
254
Number of loops: (238 – 55)/36
= 5.08
*Note that PMBus data byte numbers start at 1 rather than 0. Position_last
is the first byte returned after BYTE_COUNT = 0xFF. See block read
protocol.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com