Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 80 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 80 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 76Page - Analog Devices LTM2987 Datasheet HTML 77Page - Analog Devices LTM2987 Datasheet HTML 78Page - Analog Devices LTM2987 Datasheet HTML 79Page - Analog Devices LTM2987 Datasheet HTML 80Page - Analog Devices LTM2987 Datasheet HTML 81Page - Analog Devices LTM2987 Datasheet HTML 82Page - Analog Devices LTM2987 Datasheet HTML 83Page - Analog Devices LTM2987 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 114 page
background image
LTC2971
80
Rev. 0
For more information www.analog.com
MFR_IOUT_SENSE_VOLTAGE
This command returns the absolute value of the voltage measured between IOUT_SNSPn and IOUT_SNSMn during the last
READ_IOUT ADC conversion without any temperature correction.
MFR_IOUT_SENSE_VOLTAGE Data Contents
BIT(S) SYMBOL
OPERATION
b[15:0] Mfr_iout_sense_voltage Absolute value of raw voltage conversion measured between IOUT_SNSPn and IOUT_SNSMn.
Value = Y • X • 2–13 where Y = b[15:0] is an unsigned integer and X = 0.025 or 0.75 if mfr_config_imon_sel = 0 or 1
respectively, resulting in an LSB of 3.05μV or 91.5μV.
Example:
mfr_config_imon_sel = 0
MFR_IOUT_SENSE_VOLTAGE = 1.544mV
For b[15:0] = 0x1FA = 506
Value = 506 • 0.025 • 2–13 = 1.544mV
MFR_VIN_PEAK
This command returns the maximum ADC measured value of the input voltage. This register is reset to 0x7C00
(–225) when the LTC2971 emerges from power-on reset, when a CLEAR_FAULTS command to any page is executed,
or a channel goes through an off-to-on transition.
MFR_VOUT_PEAK
This command returns the maximum ADC measured value of the channel’s output voltage. This register is reset to
0xF800 (0.0) when the LTC2971 emerges from power-on reset, when a CLEAR_FAULTS command to the page is
executed, or the channel goes through an off-to-on transition.
MFR_IOUT_PEAK
This commands returns the maximum ADC measured value of the channel’s output current. This register is reset to
0x7C00 (–225) when the LTC2971 emerges from power-on reset, when a CLEAR_FAULTS command to the page is
executed, or the channel goes through an off-to-on transition.
MFR_TEMPERATURE_1_PEAK
This command returns the maximum measured value of the external diode temperature in °C. This register is reset
to 0x7C00 (–225) when the LTC2971 emerges from power-on reset, when a CLEAR_FAULTS command to the page is
executed, or the channel goes through an off-to-on transition.
MFR_VIN_MIN
This command returns the minimum ADC measured value of the input voltage. This register is reset to 0x7BFF (ap-
proximately 225) when the LTC2971 emerges from power-on reset, when a CLEAR_FAULTS command to any page is
executed, or a channel goes through an off-to-on transition.
MFR_VOUT_MIN
This command returns the minimum ADC measured value of the channel’s output voltage. This register is reset to
0xFFFF (7.9999) when the LTC2971 emerges from power-on reset, when a CLEAR_FAULTS command to the page is
executed, or the channel goes through an off-to-on transition.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com