Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 41 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 41 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 37Page - Analog Devices LTM2987 Datasheet HTML 38Page - Analog Devices LTM2987 Datasheet HTML 39Page - Analog Devices LTM2987 Datasheet HTML 40Page - Analog Devices LTM2987 Datasheet HTML 41Page - Analog Devices LTM2987 Datasheet HTML 42Page - Analog Devices LTM2987 Datasheet HTML 43Page - Analog Devices LTM2987 Datasheet HTML 44Page - Analog Devices LTM2987 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 114 page
background image
LTC2971
41
Rev. 0
For more information www.analog.com
MFR_CONFIG_LTC2971 Data Contents
BIT(S) SYMBOL
OPERATION
b[13:12] Mfr_config_controln_sel
Selects the active control pin input (CONTROL0 , CONTROL1) for this channel.
00: Select CONTROL0 pin.
01: Select CONTROL1 pin.
10: Reserved.
11: Reserved.
b[11]
Mfr_config_fast_servo_off
Disables fast servo when margining or trimming output voltages:
0: fast-servo enabled.
1: fast-servo disabled.
b[10]
Mfr_config_supervisor_resolution Selects voltage supervisor resolution:
0: high resolution = 35.2mV/LSB, range for |VOUT_SNSn – GNDSNSn| is 0V to 34V; = 1.6mV/LSB, range for
LTC2971-3 |VOUT_SNS1 – GNDSNS1| is 0V to 1.5V
1: low resolution = 70.4mV/LSB, range for |VOUT_SNSn – GNDSNSn| is 0V to 60V; = 3.2mV/LSB, range for
LTC2971-3 |VOUT_SNS1 – GNDSNS1| is 0V to 1.8V
b[9]
Reserved
Always returns 0.
b[8]
Mfr_config_imon_sel
Select input range of Current Sense Channel:
0: DCR Sense telemetry mode, Range for VIOUT_SNSPn – VIOUT_SNSMn is –80mV to +80mV
1: Buffered IMON telemetry mode, Range for VIOUT_SNSPn – VIOUT_SNSMn is –0.1V to +1.8V
b[7]
Mfr_config_servo_continuous
Select whether the UNIT should continuously servo VOUT after it has reached a new margin or nominal
target. Only applies when Mfr_config_dac_mode = 00b.
0: Do not continuously servo VOUT after reaching initial target.
1: Continuously servo VOUT to target.
b[6]
Mfr_config_servo_on_warn
Control re-servo on warning feature. Only applies when Mfr_config_dac_mode = 00b and Mfr_config_
servo_continuous = 0.
0: Do not allow the unit to re-servo when a VOUT warning threshold is met or exceeded.
1: Allow the unit to re-servo VOUT to nominal target if
VOUT ≥ V(Vout_ov_warn_limit) or
VOUT ≤ V(Vout_uv_warn_limit).
b[5:4] Mfr_config_dac_mode
Determines how DAC is used when channel is in the ON state and TON_RISE has elapsed.
00: Soft-connect (if needed) and servo to target.
01: DAC not connected.
10: DAC connected immediately using value from MFR_DAC command. If this is the configuration after a
reset or RESTORE_USER_ALL, The value in MFR_DAC_STARTUP will be used to set the DAC output.
11: DAC is soft-connected. After soft-connect is complete MFR_DAC may be written.
b[3]
Reserved
Always set to 1.
b[2]
Mfr_config_vo_en_wpd_en
VOUT_EN current-limited pull-down enable.
0: Use a fast N-channel device to pull down VOUT_EN pin when the channel is off for any reason.
1: Use weak current-limited pull-down to discharge VOUT_EN pin when channel is off due to soft stop by
the CONTROL pin and/or OPERATION command. If the channel is off due to a fault, use the fast pull-down
on the VOUT_EN pin.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com