Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 24Page - Analog Devices LTM2987 Datasheet HTML 25Page - Analog Devices LTM2987 Datasheet HTML 26Page - Analog Devices LTM2987 Datasheet HTML 27Page - Analog Devices LTM2987 Datasheet HTML 28Page - Analog Devices LTM2987 Datasheet HTML 29Page - Analog Devices LTM2987 Datasheet HTML 30Page - Analog Devices LTM2987 Datasheet HTML 31Page - Analog Devices LTM2987 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 114 page
background image
LTC2971
28
Rev. 0
For more information www.analog.com
PMBus COMMAND SUMMARY
Summary Table
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT
(Note 1) UNITS EEPROM
DEFAULT
VALUE:
FLOAT HEX
(Note 2)
REF
PAGE
VOUT_UV_FAULT_LIMIT 0x44 Output undervoltage fault limit. Used for
Ton_max_fault and PWRGD pin de-
assertion.
R/W Word
Y
L16
V
Y
10.8 0x2B33
0.9 0x1CCD
55
VOUT_UV_FAULT_
RESPONSE
0x45 Action to be taken by the device when an
output undervoltage fault is detected.
R/W Byte
Y
Reg
Y
0x7F
66
IOUT_OC_WARN_LIMIT
0x4A Output overcurrent warning limit.
R/W Word
Y
L11
A
5.0
0xCA80
57
OT_FAULT_LIMIT
0x4F Overtemperature fault limit for the external
temperature sensor.
R/W Word
Y
L11
°C
Y
65.0
0xEA08
58
OT_FAULT_RESPONSE
0x50 Action to be taken by the device when an
overtemperature fault is detected on the
external temperature sensor.
R/W Byte
Y
Reg
Y
0xB8
67
OT_WARN_LIMIT
0x51 Overtemperature warning limit for the
external temperature sensor.
R/W Word
Y
L11
°C
Y
60.0
0xE3C0
58
UT_WARN_LIMIT
0x52 Undertemperature warning limit for the
external temperature sensor.
R/W Word
Y
L11
°C
Y
0
0x8000
58
UT_FAULT_LIMIT
0x53 Undertemperature fault limit for the external
temperature sensor.
R/W Word
Y
L11
°C
Y
–5.0
0xCD80
58
UT_FAULT_RESPONSE
0x54 Action to be taken by the device when an
undertemperature fault is detected on the
external temperature sensor.
R/W Byte
Y
Reg
Y
0xB8
67
VIN_OV_FAULT_LIMIT
0x55 Input overvoltage fault limit measured at
VIN_SNS pin.
R/W Word
N
L11
V
Y
15.0
0xD3C0
51
VIN_OV_FAULT_
RESPONSE
0x56 Action to be taken by the device when an
input overvoltage fault is detected.
R/W Byte
N
Reg
Y
0x80
67
VIN_OV_WARN_LIMIT
0x57 Input overvoltage warning limit measured at
VIN_SNS pin.
R/W Word
N
L11
V
Y
14.0
0xD380
51
VIN_UV_WARN_LIMIT
0x58 Input undervoltage warning limit measured
at VIN_SNS pin.
R/W Word
N
L11
V
Y
0
0x8000
51
VIN_UV_FAULT_LIMIT
0x59 Input undervoltage fault limit measured at
VIN_SNS pin.
R/W Word
N
L11
V
Y
0
0x8000
51
VIN_UV_FAULT_
RESPONSE
0x5A Action to be taken by the device when an
input undervoltage fault is detected.
R/W Byte
N
Reg
Y
0x00
67
POWER_GOOD_ON
0x5E Output voltage at or above which the
PWRGD pin should be asserted.
R/W Word
Y
L16
V
Y
11.52 0x2E14
0.96 0x1EB8
55
POWER_GOOD_OFF
0x5F Output voltage at or below which the
PWRGD pin should be de-asserted when
Mfr_config_all_pwrgd_off_uses_uv is clear.
R/W Word
Y
L16
V
Y
11.28 0x2D1F
0.94 0x1E14
55
TON_DELAY
0x60 Time from CONTROL pin and/or OPERATION
command = ON to VOUT_ENn pin = ON.
R/W Word
Y
L11
ms
Y
1.0
0xBA00
60
TON_RISE
0x61 Time from when the VOUT_ENn pin goes high
until the LTC2971 optionally soft-connects
its DAC and begins to servo the output
voltage to the desired value.
R/W Word
Y
L11
ms
Y
10.0
0xD280
60
TON_MAX_FAULT_LIMIT 0x62 Maximum time from VOUT_ENn = ON
assertion that an UV condition will be
tolerated before a TON_MAX_FAULT
condition results.
R/W Word
Y
L11
ms
Y
15.0
0xD3C0
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com