Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 67 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 67 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 63Page - Analog Devices LTM2987 Datasheet HTML 64Page - Analog Devices LTM2987 Datasheet HTML 65Page - Analog Devices LTM2987 Datasheet HTML 66Page - Analog Devices LTM2987 Datasheet HTML 67Page - Analog Devices LTM2987 Datasheet HTML 68Page - Analog Devices LTM2987 Datasheet HTML 69Page - Analog Devices LTM2987 Datasheet HTML 70Page - Analog Devices LTM2987 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 114 page
background image
LTC2971
67
Rev. 0
For more information www.analog.com
OT_FAULT_RESPONSE, UT_FAULT_RESPONSE, VIN_OV_FAULT_RESPONSE and VIN_UV_FAULT_RESPONSE
The fault response documented here is for values that are measured by the ADC. Note that in addition to the response
described by these commands, the LTC2971 will also:
• Set the appropriate bit(s) in the STATUS_BYTE.
• Set the appropriate bit(s) in the STATUS_WORD.
• Set the appropriate bit in the corresponding STATUS_VIN or STATUS_TEMPERATURE register, and
• Notify the host by pulling the ALERTB pin low.
OT_FAULT_RESPONSE, UT_FAULT_RESPONSE, VIN_OV_FAULT_RESPONSE, VIN_UV_FAULT_RESPONSE Data Contents
BIT(S) SYMBOL
OPERATION
b[7:6] Ot_fault_response_action,
Ut_fault_response_action,
Vin_ov_fault_response_action,
Vin_uv_fault_response_action
Response action:
00b: The unit continues operation without interruption.
01b-11b: The unit shuts down immediately or sequences off after TOFF_DELAY (See Mfr_config_track_enn).
After shutting down, the device responds according to the retry settings in bits [5:3].
b[5:3] Ot_fault_response_retry,
Ut_fault_response_retry,
Vin_ov_fault_response_retry,
Vin_uv_fault_response_retry
Response retry behavior:
000b: A zero value for the retry setting means that the unit does not attempt to restart. The output remains
disabled until the fault is cleared.
001b-111b: The PMBus device attempts to restart the number of times specified by the global Mfr_retry_
count[2:0] until it is commanded OFF (by the CONTROL pin or OPERATION command or both), bias power is
removed, or another fault condition causes the unit to shut down.
Changing the value might not take effect until the next off-then-on sequence on that channel.
b[2:0] Ot_fault_response_delay,
Ut_fault_response_delay,
Vin_ov_fault_response_delay,
Vin_uv_fault_response_delay
Hard coded to 000b: There is no additional deglitch delay applied to fault detection.
TON_MAX_FAULT_RESPONSE
This command defines the LTC2971 response to a TON_MAX_FAULT. It may be used to protect against a short-circuited
output at startup. After startup use VOUT_UV_FAULT_RESPONSE to protect against a short-circuited output.
The device also:
• Sets the HIGH_BYTE bit in the STATUS_BYTE,
• Sets the VOUT bit in the STATUS_WORD,
• Sets the TON_MAX_FAULT bit in the STATUS_VOUT register, and
• Notifies the host by asserting ALERTB.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com