Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 90 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 90 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 86Page - Analog Devices LTM2987 Datasheet HTML 87Page - Analog Devices LTM2987 Datasheet HTML 88Page - Analog Devices LTM2987 Datasheet HTML 89Page - Analog Devices LTM2987 Datasheet HTML 90Page - Analog Devices LTM2987 Datasheet HTML 91Page - Analog Devices LTM2987 Datasheet HTML 92Page - Analog Devices LTM2987 Datasheet HTML 93Page - Analog Devices LTM2987 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 114 page
background image
LTC2971
90
Rev. 0
For more information www.analog.com
CAPABILITY
The CAPABILITY command provides a way for a host system to determine some key capabilities of the LTC2971.
CAPABILITY Data Contents
BIT(S) SYMBOL
OPERATION
b[7] Capability_pec
Hard coded to 1 indicating Packet Error Checking is supported. Reading the Mfr_config_all_pec_en bit will indicate
whether PEC is currently required.
b[6:5] Capability_scl_max
Hard coded to 01b indicating the maximum supported bus speed is 400kHz.
b[4] Capability_smb_alert Hard coded to 1 indicating this device does have an ALERTB pin and does support the SMBus Alert Response Protocol.
b[3:0] Reserved
Always returns 0.
PMBUS_REVISION
PMBUS_REVISION Data Contents
BIT(S) SYMBOL
OPERATION
b[7:0] PMBus_rev
Reports the PMBus standard revision compliance. This is hard-coded to 0x11 for revision 1.1.
MFR_SPECIAL_ID
This register contains the manufacturer ID for the LTC2971. Always returns 0x032X (LTC2971), 0x033X (LTC2971-1),
0x034X (LTC2971-2) or 0x035X (LTC2971-3). The last nibble is adjusted by the manufacturer.
IDENTIFICATION/INFORMATION
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE PAGED FORMAT UNITS EEPROM
DEFAULT VALUE
REF
PAGE
CAPABILITY
0x19 Summary of PMBus optional communication
protocols supported by this device.
R Byte
N
Reg
0xB0
90
PMBUS_REVISION
0x98 PMBus revision supported by this device.
Current revision is 1.1.
R Byte
N
Reg
0x11
90
MFR_SPECIAL_ID
0xE7 Manufacturer code for identifying the
LTC2971.
R Word
N
Reg
Y
LTC2971 0x032X
LTC2971-1 0x033X
LTC2971-2 0x034X
LTC2971-3 0x035X
90
MFR_SPECIAL_LOT 0xE8 Customer dependent codes that identify
the factory programmed user configuration
stored in EEPROM. Contact factory for
default value.
R Byte
Y
Reg
Y
91
MFR_INFO
0xB6 Manufacturer Specific Information
R Word
N
Reg
NA
91
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com