Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 7Page - Analog Devices LTM2987 Datasheet HTML 8Page - Analog Devices LTM2987 Datasheet HTML 9Page - Analog Devices LTM2987 Datasheet HTML 10Page - Analog Devices LTM2987 Datasheet HTML 11Page - Analog Devices LTM2987 Datasheet HTML 12Page - Analog Devices LTM2987 Datasheet HTML 13Page - Analog Devices LTM2987 Datasheet HTML 14Page - Analog Devices LTM2987 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 114 page
background image
LTC2971
11
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VVPWR = 12V, VVDDIO = VVDD33,VDD33, VDD25, REFP, and REFM pins
floating, unless otherwise indicated. CVDD33 = 100nF, CVDD25 = 100nF, and CREF = 100nF. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ILEAK
Input Leakage Current
0V ≤ VPIN ≤ 3.6V
l
±2
μA
tSP
Pulse Width of Spike Suppressed
FAULTBn, CONTROLn
10
μs
SDA, SCL
98
ns
tFAULT_MIN
Minimum Low Pulse Width for
Externally Generated Faults
180
ms
tRESETB
Pulse Width to Assert Reset
VWDI/RESETB ≤ 1.5V
l
300
μs
tWDI
Pulse Width to Reset Watchdog
Timer
VWDI/RESETB ≤ 1.5V
l
0.3
200
μs
fWDI
Watchdog Timer Interrupt Input
Frequency
l
1
MHz
CIN
Input Capacitance
10
pF
Digital Input SHARE_CLK
VIH
High Level Input Voltage
l
1.6
V
VIL
Low Level Input Voltage
l
0.8
V
fSHARE_CLK_IN Input Frequency Operating Range
l
90
110
kHz
tLOW
Assertion Low Time
VSHARE_CLK < 0.8V
l
0.825
1.11
μs
tRISE
Rise Time
VSHARE_CLK < 0.8V to VSHARE_CLK > 1.6V
l
450
ns
ILEAK
Input Leakage Current
0V ≤ VSHARE_CLK ≤ VVDD33 + 0.3V
l
±1
μA
CIN
Input Capacitance
10
pF
Digital Outputs SDA, ALERTB, SHARE_CLK, FAULTB0, FAULTB1, PWRGD, PG0, PG1
VOL
Digital Output Low Voltage
ISINK = 3mA
l
0.4
V
fSHARE_CLK_
OUT
Output Frequency Operating Range 5.49kΩ Pull-Up to VDD33
l
90
100
110
kHz
Digital Inputs ASEL0,ASEL1
VIH
Input High Threshold Voltage
l
VVDD33–
0.5
V
VIL
Input Low Threshold Voltage
l
0.5
V
IIH,IL
High, Low Input Current
ASEL[1:0] = 0V, VVDD33
l
±95
μA
IHIZ
Hi-Z Input Current
l
±24
μA
CIN
Input Capacitance
10
pF
Serial Bus Timing Characteristics
fSCL
Serial Clock Frequency (Note 15)
l
10
400
kHz
tLOW
Serial Clock Low Period (Note 15)
l
1.3
μs
tHIGH
Serial Clock High Period (Note 15)
l
0.6
μs
tBUF
Bus Free Time Between Stop and
Start (Note 15)
l
1.3
μs
tHD,STA
Start Condition Hold Time (Note 15)
l
600
ns
tSU,STA
Stop Condition Setup Time
(Note 15)
l
600
ns
tSU,STO
Stop Condition Setup Time
(Note 15)
l
600
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com