Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 60 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 60 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 56Page - Analog Devices LTM2987 Datasheet HTML 57Page - Analog Devices LTM2987 Datasheet HTML 58Page - Analog Devices LTM2987 Datasheet HTML 59Page - Analog Devices LTM2987 Datasheet HTML 60Page - Analog Devices LTM2987 Datasheet HTML 61Page - Analog Devices LTM2987 Datasheet HTML 62Page - Analog Devices LTM2987 Datasheet HTML 63Page - Analog Devices LTM2987 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 114 page
background image
LTC2971
60
Rev. 0
For more information www.analog.com
MFR_IOUT_CAL_GAIN_TAU_INV Data Content
Bit(s) Symbol
Operation
b[15:0] Mfr_iout_cal_gain_tau_inv
Values ≤ 0 set MFR_T_SELF_HEAT to zero.
Values ≥ 1 set MFR_T_SELF_HEAT to MFR_IOUT_CAL_GAIN_THETA • READ_IOUT • (VIOUT_SNSP – VIOUT_SNSM).
TON_DELAY, TON_RISE, TON_MAX_FAULT_LIMIT and TOFF_DELAY
These commands share the same format and provide sequencing and timer fault and warning delays in ms.
TON_DELAY sets the amount of time in milliseconds that a channel waits following the start of an ON sequence before
its VOUT_EN pin enables a DC/DC converter. This delay is counted using SHARE_CLK only.
TON_RISE sets the amount of time in ms that elapses after the power supply has been enabled until the LTC2971’s
DAC soft connects and servos the output voltage to the desired level if Mfr_dac_mode = 00b. This delay is counted
using SHARE_CLK only.
TON_MAX_FAULT_LIMIT is the maximum amount of time that the power supply being controlled by the LTC2971 can
attempt to power up the output without reaching the VOUT_UV_FAULT_LIMIT. If it does not, then a TON_MAX_FAULT
is declared. If the output reaches VOUT_UV_FAULT_LIMIT prior to TON_MAX_FAULT_LIMIT, the LTC2971 unmasks
the VOUT_UV_FAULT_LIMIT threshold. (Note that a value of zero means there is no limit to how long the power supply
can attempt to bring up its output voltage.) This delay is counted using SHARE_CLK only.
TOFF_DELAY is the amount of time that elapses after the CONTROL pin and/or OPERATION command is de-asserted
until the channel is disabled (soft-off). This delay is counted using SHARE_CLK if available, otherwise the internal
oscillator is used.
TON_DELAY and TOFF_DELAY are internally limited to 13.1 seconds, and rounded to the nearest 10µs when smaller
than 655ms, or rounded to the nearest 200µs when larger than 655ms. TON_RISE and TON_MAX_FAULT_LIMIT are
internally limited to 655ms, and rounded to the nearest 10µs. The read value of these commands always returns what
was last written and does not reflect internal limiting.
SEQUENCING TIMING LIMITS AND CLOCK SHARING
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS EEPROM
DEFAULT
VALUE
REF
PAGE
TON_DELAY
0x60 Time from CONTROL pin and/or OPERATION
command = ON to VOUT_ENn pin = ON.
R/W Word
Y
L11
ms
Y
1.0
0xBA00
60
TON_RISE
0x61 Time from when the VOUT_ENn pin goes high until the
LTC2971 optionally soft-connects its DAC and begins
to servo the output voltage to the desired value.
R/W Word
Y
L11
ms
Y
10.0
0xD280
60
TON_MAX_FAULT_LIMIT 0x62 Maximum time from VOUT_ENn pin on assertion that
an UV condition will be tolerated before a TON_MAX_
FAULT condition results.
R/W Word
Y
L11
ms
Y
15.0
0xD3C0
60
TOFF_DELAY
0x64 Time from CONTROL pin and/or OPERATION
command = OFF to VOUT_ENn pin = OFF.
R/W Word
Y
L11
ms
Y
1.0
0xBA00
60
MFR_RESTART_DELAY
0xDC Delay from actual CONTROL active edge to virtual
CONTROL active edge.
R/W Word
N
L11
ms
Y
400
0xFB20
61
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com