Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 19Page - Analog Devices LTM2987 Datasheet HTML 20Page - Analog Devices LTM2987 Datasheet HTML 21Page - Analog Devices LTM2987 Datasheet HTML 22Page - Analog Devices LTM2987 Datasheet HTML 23Page - Analog Devices LTM2987 Datasheet HTML 24Page - Analog Devices LTM2987 Datasheet HTML 25Page - Analog Devices LTM2987 Datasheet HTML 26Page - Analog Devices LTM2987 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 114 page
background image
LTC2971
23
Rev. 0
For more information www.analog.com
OPERATION
VDDIO
The VDDIO pin defines the input threshold of the SDA, SCL,
ALERTB, PWRGD, FAULTB[1:0], CONTROL[1:0], PG[1:0],
WDI/RESETB,andWPpinstoallowforlowervoltagedigital
communication.AninternalresistivedividerattheVDDIOpin
sets the internal threshold voltage to approximately 45%
of the VDDIO pin voltage. The VOUT_EN[1:0], AUXFAULTB,
and SHARE_CLK pins are not affected by the voltage at
the VDDIO pin and should always be pulled up to VDD33.
PMBus SERIAL DIGITAL INTERFACE
TheLTC2971communicateswithahost(master)usingthe
standard PMBus serial bus interface. The PMBus Timing
Diagram shows the timing relationship of the signals on
the bus. The two bus lines, SDA and SCL, must be high
when the bus is not in use. External pull-up resistors or
current sources are required on these lines.
The LTC2971 is a slave device. The master can com-
municate with the LTC2971 using the following formats:
• Master transmitter, slave receiver
• Master receiver, slave transmitter
The following SMBus commands are supported:
• Write Byte, Write Word, Send Byte
• Read Byte, Read Word, Block Read
• Alert Response Address
Figures 1 to 13 illustrate the aforementioned SMBus pro-
tocols. All transactions support PEC (packet error check)
and GCP (group command protocol). The Block Read
supports 255 bytes of returned data. For this reason, the
SMBus timeout may be extended using the Mfr_config_
all_longer_pmbus_timeout setting.
PMBus
PMBus is an industry standard that defines a means
of communication with power conversion devices. It is
comprised of an industry standard SMBus serial interface
and the PMBus command language.
The PMBus two wire interface is an incremental extension
of the SMBus. SMBus is built upon I2C with some minor
differences in timing, DC parameters and protocol. The
SMBus protocols are more robust than simple I2C byte
commands because they provide timeouts to prevent
bus hangs and optional Packet Error Checking (PEC) to
ensure data integrity. In general, a master device that
can be configured for I2C communication can be used
for PMBus communication with little or no change to
hardware or firmware.
For a description of the minor extensions and exceptions
PMBusmakestoSMBus,refertoPMBusSpecificationPart
1 Revision 1.1: Section 5: Transport. This can be found at:
www.pmbus.org
ForadescriptionofthedifferencesbetweenSMBusandI2C,
refer to System Management Bus (SMBus) Specification
Version 2.0: Appendix B – Differences between SMBus
and I2C. This can be found at:
www.smbus.org
WhenusinganI2CcontrollertocommunicatewithaPMBus
part it is important that the controller be able to write a
byte of data without generating a stop. This will allow the
controller to properly form the repeated start of a PMBus
read command by concatenating a start command byte
write with an I2C read.
Device Address
The I2C/SMBus address of the LTC2971 equals the base
address + N where N is a number from 0 to 8. N can be
configured by setting the ASEL0 and ASEL1 pins to VDD33,
GND or FLOAT. See Table 1. Using one base address and
the nine values of N, nine LTC2971s can be connected
together to control eighteen outputs. The base address is
storedintheMFR_I2C_BASE_ADDRESSregister.Thebase
address can be written to any value, but generally should
not be changed unless the desired range of addresses
overlap existing addresses. Ensure that the address range
does not overlap with other I2C/SMBus device or global
addresses, including I2C/SMBus multiplexers and bus
buffers. This will bring you great happiness.
TheLTC2971alwaysrespondstoitsglobaladdressandthe
SMBus Alert Response address regardless of the state of
itsASELpinsandtheMFR_I2C_BASE_ADDRESSregister.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com