Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 91 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 91 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 87Page - Analog Devices LTM2987 Datasheet HTML 88Page - Analog Devices LTM2987 Datasheet HTML 89Page - Analog Devices LTM2987 Datasheet HTML 90Page - Analog Devices LTM2987 Datasheet HTML 91Page - Analog Devices LTM2987 Datasheet HTML 92Page - Analog Devices LTM2987 Datasheet HTML 93Page - Analog Devices LTM2987 Datasheet HTML 94Page - Analog Devices LTM2987 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 114 page
background image
LTC2971
91
Rev. 0
For more information www.analog.com
USER SCRATCHPAD
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS EEPROM
DEFAULT
VALUE
REF
PAGE
USER_DATA_00
0xB0
Manufacturer reserved for LTpowerPlay.
R/W Word
N
Reg
Y
N/A
91
USER_DATA_01
0xB1
Manufacturer reserved for LTpowerPlay.
R/W Word
Y
Reg
Y
N/A
91
USER_DATA_02
0xB2
OEM Reserved.
R/W Word
N
Reg
Y
N/A
91
USER_DATA_03
0xB3
Scratchpad location.
R/W Word
Y
Reg
Y
0x0000
91
USER_DATA_04
0xB4
Scratchpad location.
R/W Word
N
Reg
Y
0x0000
91
MFR_LTC_RESERVED_2
0xBC
Manufacturer reserved.
R/W Word
Y
Reg
NA
91
USER_DATA_00, USER_DATA_01, USER_DATA_02, USER_DATA_03, USER_DATA_04 and MFR_LTC_
RESERVED_2
These registers are provided as user scratchpad and additional manufacturer reserved locations.
USER_DATA_03 and USER_DATA_04 are available for user scratchpad use. These 10 bytes (1 unpaged word plus 2
paged words) might be used for traceability or revision information such as serial number, board model number, as-
sembly location, or assembly date.
MFR_SPECIAL_LOT
These paged registers contain information that identifies the user configuration that was programmed at the factory.
Contact the factory to request a custom factory programmed user configuration and special lot number.
MFR_INFO
The MFR_INFO register contains manufacturer specific information and is updated after a power-on reset, a RESTORE_
USER_ALL command, or an EEPROM bulk read operation.
MFR_INFO Data Contents
BIT(S) SYMBOL
OPERATION
b[15:6] Reserved
Reserved
b[5]
Mfr_info_ecc_user
EEPROM ECC status.
0: Corrections made in the EEPROM user space
1: No corrections made in the EEPROM user space
b[4:0] Reserved
Reserved
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com