Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 2Page - Analog Devices LTM2987 Datasheet HTML 3Page - Analog Devices LTM2987 Datasheet HTML 4Page - Analog Devices LTM2987 Datasheet HTML 5Page - Analog Devices LTM2987 Datasheet HTML 6Page - Analog Devices LTM2987 Datasheet HTML 7Page - Analog Devices LTM2987 Datasheet HTML 8Page - Analog Devices LTM2987 Datasheet HTML 9Page - Analog Devices LTM2987 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 114 page
background image
LTC2971
6
Rev. 0
For more information www.analog.com
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VVPWR = 12V, VVDDIO = VVDD33,VDD33, VDD25, REFP, and REFM pins
floating, unless otherwise indicated. CVDD33 = 100nF, CVDD25 = 100nF, and CREF = 100nF. (Note 2)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Reference Characteristics
VREF
Output Voltage (Note 3)
VREF = VREFP – VREFM, 0 < IREFP < 100µA
l
1.215
1.230
1.245
V
Temperature Coefficient
3
ppm/°C
Hysteresis
(Note 4)
100
ppm
ADC Characteristics
VIN_ADC
Voltage Sense Input Range (Note 5) Differential Voltage
LTC2971
VVOUT_SNS0 – VGNDSNS0
VVOUT_SNS1 – VGNDSNS1
l
0
0
60
60
V
V
LTC2971-1
VVOUT_SNS0 – VGNDSNS0
VVOUT_SNS1 – VGNDSNS1
l
0
−60
60
0
V
V
LTC2971-2
VVOUT_SNS0 – VGNDSNS0
VVOUT_SNS1 – VGNDSNS1
l
−60
−60
0
0
V
V
LTC2971-3
VVOUT_SNS0 – VGNDSNS0
VVOUT_SNS1 – VGNDSNS1
l
0
0
60
1.8
V
V
Single-Ended Voltage: VGNDSNSn
−0.1
0.1
V
Current Sense Input Range
Mfr_config_imon_sel = 0
Single-Ended
Voltage
LTC2971
VIOUT_SNSP/M0
VIOUT_SNSP/M1
l
l
3
3
60
60
V
V
LTC2971-1
VIOUT_SNSP/M0
VIOUT_SNSP/M1
l
l
3
−60
60
−0.5
V
V
LTC2971-2
VIOUT_SNSP/M0
VIOUT_SNSP/M1
l
l
−60
−60
−0.5
−0.5
V
V
LTC2971-3
VIOUT_SNSP/M0
VIOUT_SNSP/M1
l
l
3
0
60
1.65
V
V
Differential Current Sense Voltage:
VIOUT_SNSPn – VIOUT_SNSMn
l
–80
80
mV
Current Sense Input Range
Mfr_config_imon_sel = 1 (Note 6)
Differential Current
Sense Voltage
LTC2971, VIOUT_SNSPn –
VIOUT_SNSMn
l
−0.1
1.8
V
LTC2971-1, VIOUT_SNSP0 –
VIOUT_SNSM0
l
−0.1
1.8
V
LTC2971-3, VIOUT_SNSPn –
VIOUT_SNSMn
l
−0.1
1.8
V
Single-Ended Voltage: VIOUT_SNSMn
l
−0.1
0.1
V
N_ADC
Voltage Sense Resolution
0V ≤ |VIN_ADC| ≤ 60V, READ_VOUT
4.5
mV/LSB
LTC2971-3, 0V ≤ VVOUT_SNS1 – VGNDSNS1 ≤ 1.8V,
READ_VOUT
122
μV/LSB
Current Sense Resolution with
IOUT_CAL_GAIN = 1Ω
Mfr_config_imon_sel = 0
0mV ≤ |VIN_ADC| ≤ 16mV (Note 7)
16mV ≤ |VIN_ADC| ≤ 32mV
32mV ≤ |VIN_ADC| ≤ 63.9mV
63.9mV ≤ |VIN_ADC| ≤ 80mV
15.625
31.25
62.5
125
μA/LSB
μA/LSB
μA/LSB
μA/LSB
Mfr_config_imon_sel = 1
62.5
μA/LSB
Temperature Sense Resolution
0.0476
°C/LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com