Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 13Page - Analog Devices LTM2987 Datasheet HTML 14Page - Analog Devices LTM2987 Datasheet HTML 15Page - Analog Devices LTM2987 Datasheet HTML 16Page - Analog Devices LTM2987 Datasheet HTML 17Page - Analog Devices LTM2987 Datasheet HTML 18Page - Analog Devices LTM2987 Datasheet HTML 19Page - Analog Devices LTM2987 Datasheet HTML 20Page - Analog Devices LTM2987 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 114 page
background image
LTC2971
17
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
+1.8V Channel MFR_READ_IOUT
Total Unadjusted Error vs AC
Common Mode
+60V Channel Voltage Sense
Input Currents vs Differential
Input Voltage
−60V Channel Voltage Sense Input
Currents vs Differential Input
Voltage
+1.8V Channel Voltage Sense
Input Currents vs Differential Input
Voltage
+60V Channel Current Sense
Differential Input Current vs
Differential Input Voltage
–60V Channel Current Sense
Differential Input Current vs
Differential Input Voltage
+1.8V Channel Current Sense
Differential Input Current vs
Differential Input Voltage
IMON Sense Input Current vs
Differential Input Voltage
VOUT_EN[1:0] Output Voltage
vs VDD33
VIN = 100mV
0.2Vpp COMMON MODE
0.1Vpp COMMON MODE
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
–0.5
–0.4
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
0.5
AC Common Mode
Total Unadjusted Error vs
+1.8V Channel MFR_READ_IOUT
2971 G28
IVOUT_SNS0
IGNDSNS0
VOUT_SNS0 - GNDSNS0 (V)
0
10
20
30
40
50
60
–20
0
20
40
60
80
100
120
140
Diffferential Input Voltage
Input Currents vs
+60V Channel Voltage Sense
2971 G29
IVSENSEP1
IVSENSEM1
VOUT_SNS1 - GNDSNS1 (V)
–60
–50
–40
–30
–20
–10
0
–140
–120
–100
–80
–60
–40
–20
0
20
Diffferential Input Voltage
Input Currents vs
-60V Channel Voltage Sense
2971 G30
IVOUT_SNS1
IGNDSNS1
VOUT_SNS1 - GNDSNS1 (V)
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
Diffferential Input Voltage
Input Currents vs
+1.8V Channel Voltage Sense
2971 G31
3V COMMON MODE
60V COMMON MODE
DIFFERENTIAL INPUT VOLTAGE (mV)
–100 –75 –50 –25
0
25
50
75 100
–100
–80
–60
–40
–20
0
20
40
60
80
100
Differential Input Voltage
Differential Input Current vs
+60V Channel Current Sense
2971 G32
–0.5V COMMON MODE
–60V COMMON MODE
DIFFERENTIAL INPUT VOLTAGE (mV)
–100 –75 –50 –25
0
25
50
75 100
–100
–80
–60
–40
–20
0
20
40
60
80
100
Differential Input Voltage
Differential Input Current vs
-60V Channel Current Sense
2971 G33
0V COMMON MODE
1.8V COMMON MODE
DIFFERENTIAL INPUT VOLTAGE (mV)
–100 –75 –50 –25
0
25
50
75 100
–100
–80
–60
–40
–20
0
20
40
60
80
100
Differential Input Voltage
Differential Input Current vs
+1.8V Channel Current Sense
2971 G34
IISENSEP0
IISENSEM0
DIFFERENTIAL INPUT VOLTAGE (mV)
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
–100
–80
–60
–40
–20
0
20
40
60
80
100
Differential Input Voltage
IMON Sense Input Currents vs
2971 G35
VOUT_ENn WITH 10kΩ
PULL–UP to VDD33
VDD33
VOUT_EN[1:0]
VDD33 VOLTAGE (V)
0 0.25 0.50 0.75 1 1.25 1.50 1.75 2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
vs VDD33
VOUT_EN[1:0] Output Voltage
2971 G36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com