Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 92 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 92 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 88Page - Analog Devices LTM2987 Datasheet HTML 89Page - Analog Devices LTM2987 Datasheet HTML 90Page - Analog Devices LTM2987 Datasheet HTML 91Page - Analog Devices LTM2987 Datasheet HTML 92Page - Analog Devices LTM2987 Datasheet HTML 93Page - Analog Devices LTM2987 Datasheet HTML 94Page - Analog Devices LTM2987 Datasheet HTML 95Page - Analog Devices LTM2987 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 114 page
background image
LTC2971
92
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
OVERVIEW
The LTC2971 is a 2-channel Power System Management
IC that is capable of sequencing, margining, trimming,
supervising output voltage for OV/UV conditions, fault
management, voltage/current/temperature readback for
two DC/DC converter channels, and readback of high side
input current, input voltage, input power, input energy,
and junction temperature. Multiple Analog Devices Power
System Managers can coordinate operation using the
SHARE_CLK, FAULTB, and CONTROL pins. The LTC2971
utilizes a PMBus compliant interface and command set.
POWERING THE LTC2971
The LTC2971 can be powered two ways. In one method,
power from an external 4.5V to 60V supply is applied to
the VPWR pin. See Figure 22. An internal linear regulator
convertsVPWRto3.3V,whichdrivestheLTC2971'sinternal
circuitry. High VPWR levels cause excessive internal power
dissipation and self-heating. Although the LTC2971 works
with60VVPWRlevels,itisadvisedtouseanexternalswitch-
ing regulator to drop VPWR for external supplies above 24V.
Figure 22. Powering LTC2971 from External 4.5V to 60V Supply
Alternatively, power from an external 3.13V to 3.47V sup-
ply is applied to the VDD33 and VPWR pins. See Figure 23.
All functionality is availiable when using this method, and
internal power is minimized.
SETTING COMMAND REGISTER VALUES
The command register settings described herein are in-
tendedasareferenceandforthepurposeofunderstanding
the registers in a software development environment. In
actualpractice,theLTC2971canbecompletelyconfigured
for stand-alone operation with the DC1613 USB to I2C/
SMBus/PMBuscontrollerandLTpowerPlayusingintuitive
menu driven objects.
MEASURING INPUT CURRENT
The LTC2971 is capable of measuring the current of the
input power source. The device also measures the input
supply voltage, enabling it to calculate input power. The
LTC2971 has an accurate internal time base allowing the
chip to calculate input energy since energy is the product
of power and time. The units for each of the measured
parameters are amps, volts, watts, and millijoules.
Input current is measured by placing a sense resistor,
RSENSE, in series with the desired current load path as
shown in Figure 24. If RSENSE has low thermal drift char-
acteristics, the MFR_IIN_CAL_GAIN_TC register value
may be set to zero. Otherwise, choose a setting for the
MFR_IIN_CAL_GAIN_TC value in units of ppm/°C to cor-
rect for RSENSE thermal drift.
For best results, it is recommended to locate RSENSEclose
to and isothermal with the LTC2971.
Figure 23. Powering LTC2971 from External 3.3V Supply
Figure 24. Measuring Input Current
VPWR
VDD33
VDD33
VDD25
VDD25
VIN_SNS
LTC2971*
0.1µF
0.1µF
4.5V < VPWR < 60V
GND
0.1µF
*SOME DETAILS
OMITTED FOR CLARITY
2971 F22
VDD33
VDD33
VDD25
VDD25
VPWR
LTC2971*
0.1µF
0.1µF
GND
*SOME DETAILS
OMITTED FOR CLARITY
2971 F23
EXTERNAL 3.3V
VIN_SNS
4.5V < VIN_SNS < 60V
IIN_SNSP
IIN_SNSM
LTC2971*
GND
*SOME DETAILS OMITTED FOR CLARITY
2971 F24
RSENSE
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com