Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 10Page - Analog Devices LTM2987 Datasheet HTML 11Page - Analog Devices LTM2987 Datasheet HTML 12Page - Analog Devices LTM2987 Datasheet HTML 13Page - Analog Devices LTM2987 Datasheet HTML 14Page - Analog Devices LTM2987 Datasheet HTML 15Page - Analog Devices LTM2987 Datasheet HTML 16Page - Analog Devices LTM2987 Datasheet HTML 17Page - Analog Devices LTM2987 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 114 page
background image
LTC2971
14
Rev. 0
For more information www.analog.com
ADC READ_VOUT Noise
Histogram
ADC READ_IOUT Error vs
READ_IOUT
+60V Channel READ_VOUT Total
Unadjusted Error vs Input Voltage
–60V Channel READ_VOUT Total
Unadjusted Error vs Input Voltage
+1.8V Channel READ_VOUT Total
Unadjusted Error vs Input Voltage
Reference Voltage vs
Temperature
ADC READ_VOUT ADC Total
Unadjusted Error vs Temperature
ADC READ_IOUT Input Referred
Offset Voltage vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
THREE TYPICAL PARTS
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.2240
1.2242
1.2244
1.2246
1.2248
1.2250
1.2252
1.2254
1.2256
1.2258
1.2260
Temperature
Reference Voltage vs
2971 G01
THREE TYPICAL PARTS
VIN = 10V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–0.25
–0.20
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
0.25
Unadjusted Error vs Temperature
ADC READ_VOUT ADC Total
2971 G02
THREE TYPICAL PARTS
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–40
–30
–20
–10
0
10
20
30
40
Offset Voltage vs Temperature
ADC READ_IOUT Input Referred
2971 G03
–40°C
25°C
125°C
VIN (V)
0
10
20
30
40
50
60
–0.25
–0.20
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
0.25
Input Voltage
Total Unadjusted Error vs
+60V Channel READ_VOUT
2971 G04
–40°C
25°C
125°C
VIN (V)
–60
–50
–40
–30
–20
–10
0
–0.25
–0.20
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
0.25
Input Voltage
Total Unadjusted Error vs
–60V Channel READ_VOUT
2971 G05
1000 READINGS
VIN = 12V
HITS
READ_VOUT ERROR (mV)
–5 –4 –3 –2 –1 0
1
2
3
4
5
0
50
100
150
200
250
300
350
400
450
500
Histogram
ADC READ_VOUT Noise
2971 G07
0.001
0.01
10
100
1
0.1
READ_IOUT (A)
75
50
25
0
–25
–50
–75
2971 G08
IOUT_CAL_GAIN = 2.1875m
–40°C 3V COMMON MODE
–40°C 60V COMMON MODE
25°C 3V COMMON MODE
25°C 60V COMMON MODE
125°C 3V COMMON MODE
125°C 60V COMMON MODE
VIN (mV)
–100 –80 –60 –40 –20 0 20 40 60 80 100
–0.25
–0.20
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
0.25
Input Voltage
Total Unadjusted Error vs
+60V Channel MFR_READ_IOUT
2971 G09
–40°C
25°C
125°C
VIN (V)
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
–0.25
–0.20
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
0.25
Input Voltage
Total Unadjusted Error vs
+1.8V Channel READ_VOUT
2971 G06
+60V Channel MFR_READ_IOUT
Total Unadjusted Error vs Input
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com