Electronic Components Datasheet Search
  English  ▼

X  

LTM2987 Datasheet(PDF) 56 Page - Analog Devices

Part # LTM2987
Description  2-Channel 짹60V Power System Manager
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2987 Datasheet(HTML) 56 Page - Analog Devices

Back Button LTM2987 Datasheet HTML 52Page - Analog Devices LTM2987 Datasheet HTML 53Page - Analog Devices LTM2987 Datasheet HTML 54Page - Analog Devices LTM2987 Datasheet HTML 55Page - Analog Devices LTM2987 Datasheet HTML 56Page - Analog Devices LTM2987 Datasheet HTML 57Page - Analog Devices LTM2987 Datasheet HTML 58Page - Analog Devices LTM2987 Datasheet HTML 59Page - Analog Devices LTM2987 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 114 page
background image
LTC2971
56
Rev. 0
For more information www.analog.com
MFR_DAC
This command register allows the user to directly program the 10-bit DAC. Manual DAC writes require the channel
to be in the ON state,TON_RISE to have expired and MFR_CONFIG_LTC2971 b[5:4] = 10b or 11b. Writing MFR_
CONFIG_LTC2971 b[5:4] = 10b commands the DAC to hard connect with the value in Mfr_dac_direct_val. Writing
b[5:4] = 11b commands the DAC to soft connect. Once the DAC has soft connected, Mfr_dac_direct_val returns the
value that allowed the DAC to be connected without perturbing the power supply. MFR_DAC writes are ignored when
MFR_CONFIG_LTC2971 b[5:4] = 00b or 01b.
MFR_DAC Data Contents
BIT(S) SYMBOL
OPERATION
b[15:10] Reserved
Read only, always returns 0.
b[9:0] Mfr_dac_direct_val DAC code value.
OUTPUT CURRENT COMMANDS AND LIMITS
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS EEPROM
DEFAULT
VALUE
REF
PAGE
IOUT_CAL_GAIN
0x38 The nominal resistance of the current sense
element in mΩ.
R/W Word
Y
L11
mΩ
Y
1.0
0xBA00
56
IOUT_CAL_OFFSET
0x39 Offset applied to the current sense measurement
in Amps.
R/W Word
Y
L11
A
Y
0.0
0x8000
56
IOUT_OC_WARN_LIMIT
0x4A Output overcurrent warning limit.
R/W Word
Y
L11
A
5.0
0xCA80
57
MFR_IOUT_CAL_GAIN_TC
0xF6 Temperature coefficient applied to IOUT_CAL_
GAIN.
R/W Word
Y
CF
ppm
Y
0x0
57
IOUT_CAL_GAIN and IOUT_CAL_OFFSET
The IOUT_CAL_GAIN command is used to set the ratio of the voltage at the current sense pins to the sensed current.
For devices using a fixed current sense resistor, it is the same value as the resistance of the resistor (units are expressed
in mΩ). IOUT_CAL_GAIN is internally limited to values between 0.01mΩ to 1,000mΩ. The register readback value
always returns what was last written and does not reflect internal limiting. IOUT_CAL_OFFSET is used to add a current
offset from the READ_IOUT results.
Calculations using IOUT_CAL_GAIN and IOUT_CAL_OFFSET are:
TCORRECTION = (1 + MFR_IOUT_CAL_GAIN_TC • 1E-6 • (READ_TEMPERATURE_1 + MFR_T_SELF_HEAT – 25.0))
READ_IOUT
=
VIOUT_SNSPn − VIOUT_SNSMn
(IOUT _CAL _GAIN)
•TCORRECTION
+IOUT _CAL _OFFSET
Note: TCORRECTION is limited by hardware to a value between 0.25 and 4.0.
READ_TEMPERATURE_2 is substituted for READ_TEMPERATURE_1 if the associated TSENSE network fails to
detect a valid temperature. See READ_TEMPERATURE_1 for more information.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com