Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 113 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 113 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 109Page - Analog Devices LTC2977 Datasheet HTML 110Page - Analog Devices LTC2977 Datasheet HTML 111Page - Analog Devices LTC2977 Datasheet HTML 112Page - Analog Devices LTC2977 Datasheet HTML 113Page - Analog Devices LTC2977 Datasheet HTML 114Page - Analog Devices LTC2977 Datasheet HTML 115Page - Analog Devices LTC2977 Datasheet HTML 116Page - Analog Devices LTC2977 Datasheet HTML 117Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 138 page
background image
LTM4664A
113
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS
Table 16. IOUT_OC_FAULT_RESPONSE Data Byte Contents
BITS
DESCRIPTION
VALUE MEANING
7:6
Response
For all values of bits [7:6], the LTM4664A:
• Sets the corresponding fault bit in the status commands and
• Notifies the host by asserting ALERT pin, unless masked.
The fault bit, once set, is cleared only when one or more of the
following events occurs:
• The device receives a CLEAR_FAULTS command.
• The output is commanded through the RUN pin, the OPERATION
command, or the combined action of the RUN pin and
OPERATION command, to turn off and then to turn back on, or
• The device receives a RESTORE_USER_ALL command.
• The device receives a MFR_RESET command.
• The device supply power is cycled.
00
The LTM4664A PSM continues to operate indefinitely while
maintaining the output current at the value set by
IOUT_OC_FAULT_LIMIT without regard to the output
voltage (known as constant-current or brick-wall limiting).
01
Not supported.
10
The LTM4664A PSM continues to operate, maintaining the
output current at the value set by IOUT_OC_FAULT_LIMIT
without regard to the output voltage, for the delay time set by
bits [2:0]. If the device is still operating in current limit at the
end of the delay time, the device responds as programmed by
the Retry Setting in bits [5:3].
11
The LTM4664A PSM shuts down immediately and responds as
programmed by the Retry Setting in bits [5:3].
5:3
Retry Setting
000
The unit does not attempt to restart. The output remains
disabled until the fault is cleared by cycling the RUN pin or
removing bias power.
111
The device attempts to restart continuously, without limitation,
until it is commanded OFF (by the RUN pin or OPERATION
command or both), bias power is removed, or another fault
condition causes the unit to shut down. Note: The retry interval
is set by the MFR_RETRY_DELAY command.
2:0
Delay Time
000-111 The number of delay time units in 16ms increments. This
delay time is used to determine the amount of time a unit is
to continue operating after a fault is detected before shutting
down. Only valid for deglitched off response.
Fault Responses IC Temperature
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS
NVM
DEFAULT
VALUE
MFR_OT_FAULT_RESPONSE
0xD6
Action to be taken by the device when an
internal overtemperature fault is detected.
R Byte
N
Reg
0xC0
MFR_OT_FAULT_RESPONSE
The MFR_OT_FAULT_RESPONSE command byte instructs the device on what action to take in response to an internal
overtemperature fault. The data byte is in the format given in Table 12.
The LTM4664A also:
• Sets the NONE_OF_THE_ABOVE bit in the STATUS_BYTE
• Sets the MFR bit in the STATUS_WORD, and
• Sets the Overtemperature Fault bit in the STATUS_MFR_SPECIFIC command
• Notifies the host by asserting ALERT pin, unless masked
This command has one data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com