Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 116 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 116 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 112Page - Analog Devices LTC2977 Datasheet HTML 113Page - Analog Devices LTC2977 Datasheet HTML 114Page - Analog Devices LTC2977 Datasheet HTML 115Page - Analog Devices LTC2977 Datasheet HTML 116Page - Analog Devices LTC2977 Datasheet HTML 117Page - Analog Devices LTC2977 Datasheet HTML 118Page - Analog Devices LTC2977 Datasheet HTML 119Page - Analog Devices LTC2977 Datasheet HTML 120Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 138 page
background image
LTM4664A
116
Rev. 0
For more information www.analog.com
Table 19. FAULTn Propagate Fault Configuration
The FAULT0 and FAULT1 pins are designed to provide electrical notification of selected events to the user. Some of these events are common to both output
channels. Others are specific to an output channel. They can also be used to share faults between channels.
BIT(S)
SYMBOL
OPERATION
B[15]
VOUT disabled while not decayed.
This is used in a PolyPhase configuration when bit 0 of the MFR_CHAN_CONFIG is a zero. If the
channel is turned off, by toggling the RUN pin or commanding the part OFF, and then the RUN
is reasserted or the part is commanded back on before the output has decayed, VOUT will not
restart until the 12.5% decay is honored. The FAULT pin is asserted during this condition if bit 15
is asserted.
B[14]
Mfr_fault_propagate_short_CMD_cycle 0: No action
1: Asserts low if commanded off then on before the output has sequenced off. Re-asserts high
tOFF(MIN) after sequence off.
b[13]
Mfr_fault_propagate_ton_max_fault
0: No action if a TON_MAX_FAULT fault is asserted
1: Associated output will be asserted low if a TON_MAX_FAULT fault is asserted
FAULT0 is associated with page 0 TON_MAX_FAULT faults
FAULT1 is associated with page 1 TON_MAX_FAULT faults
b[12]
Reserved
b[11]
Mfr_fault0_propagate_int_ot,
Mfr_fault1_propagate_int_ot
0: No action if the MFR_OT_FAULT_LIMIT fault is asserted
1: Associated output will be asserted low if the MFR_OT_FAULT_LIMIT fault is asserted
b[10]
Reserved
b[9]
Reserved
b[8]
Mfr_fault0_propagate_ut,
Mfr_fault1_propagate_ut
0: No action if the UT_FAULT_LIMIT fault is asserted
1: Associated output will be asserted low if the UT_FAULT_LIMIT fault is asserted
FAULT0 is associated with page 0 UT faults
FAULT1 is associated with page 1 UT faults
b[7]
Mfr_fault0_propagate_ot,
Mfr_fault1_propagate_ot
0: No action if the OT_FAULT_LIMIT fault is asserted
1: Associated output will be asserted low if the OT_FAULT_LIMIT fault is asserted
FAULT0 is associated with page 0 OT faults
FAULT1 is associated with page 1 OT faults
b[6]
Reserved
b[5]
Reserved
b[4]
Mfr_fault0_propagate_input_ov,
Mfr_fault1_propagate_input_ov
0: No action if the VIN_OV_FAULT_LIMIT fault is asserted
1: Associated output will be asserted low if the VIN_OV_FAULT_LIMIT fault is asserted
b[3]
Reserved
b[2]
Mfr_fault0_propagate_iout_oc,
Mfr_fault1_propagate_iout_oc
0: No action if the IOUT_OC_FAULT_LIMIT fault is asserted
1: Associated output will be asserted low if the IOUT_OC_FAULT_LIMIT fault is asserted
FAULT0 is associated with page 0 OC faults
FAULT1 is associated with page 1 OC faults
b[1]
Mfr_fault0_propagate_vout_uv,
Mfr_fault1_propagate_vout_uv
0: No action if the VOUT_UV_FAULT_LIMIT fault is asserted
1: Associated output will be asserted low if the VOUT_UV_FAULT_LIMIT fault is asserted
FAULT0 is associated with page 0 UV faults
FAULT1 is associated with page 1 UV faults
b[0]
Mfr_fault0_propagate_vout_ov,
Mfr_fault1_propagate_vout_ov
0: No action if the VOUT_OV_FAULT_LIMIT fault is asserted
1: Associated output will be asserted low if the VOUT_OV_FAULT_LIMIT fault is asserted
FAULT0 is associated with page 0 OV faults
FAULT1 is associated with page 1 OV faults
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com