Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 119 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 119 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 115Page - Analog Devices LTC2977 Datasheet HTML 116Page - Analog Devices LTC2977 Datasheet HTML 117Page - Analog Devices LTC2977 Datasheet HTML 118Page - Analog Devices LTC2977 Datasheet HTML 119Page - Analog Devices LTC2977 Datasheet HTML 120Page - Analog Devices LTC2977 Datasheet HTML 121Page - Analog Devices LTC2977 Datasheet HTML 122Page - Analog Devices LTC2977 Datasheet HTML 123Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 138 page
background image
LTM4664A
119
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS
FAULT WARNING AND STATUS
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
FORMAT
UNITS
NVM
DEFAULT
VALUE
CLEAR_FAULTS
0x03
Clear any fault bits that have been set.
Send Byte
N
NA
SMBALERT_MASK
0x1B
Mask activity.
Block R/W
Y
Reg
Y
See CMD
Details
MFR_CLEAR_PEAKS
0xE3
Clears all peak values.
Send Byte
Y
NA
STATUS_BYTE
0x78
One byte summary of the unit’s fault
condition.
R/W Byte
Y
Reg
NA
STATUS_WORD
0x79
Two byte summary of the unit’s fault
condition.
R/W Word
Y
Reg
NA
STATUS_VOUT
0x7A
Output voltage fault and warning
status.
R/W Byte
Y
Reg
NA
STATUS_IOUT
0x7B
Output current fault and warning
status.
R/W Byte
Y
Reg
NA
STATUS_INPUT
0x7C
Input supply fault and warning status.
R/W Byte
N
Reg
NA
STATUS_ TEMPERATURE
0x7D
External temperature fault and warning
status for READ_TEMERATURE_1.
R/W Byte
Y
Reg
NA
STATUS_CML
0x7E
Communication and memory fault and
warning status.
R/W Byte
N
Reg
NA
STATUS_MFR_ SPECIFIC
0x80
Manufacturer specific fault and state
information.
R/W Byte
Y
Reg
NA
MFR_PADS
0xE5
Digital status of the I/O pads.
R Word
N
Reg
NA
MFR_COMMON
0xEF
Manufacturer status bits that are
common across multiple LTC chips.
R Byte
N
Reg
NA
CLEAR_FAULTS
The CLEAR_FAULTS command is used to clear any fault bits that have been set. This command clears all bits in all
status commands simultaneously. At the same time, the device negates (clears, releases) its ALERT pin signal output
if the device is asserting the ALERT pin signal. If the fault is still present when the bit is cleared, the fault bit will remain
set and the host notified by asserting the ALERT pin low. CLEAR_FAULTS can take up to 10µs to process. If a fault
occurs within that time frame it may be cleared before the status register is set.
This write-only command has no data bytes.
The CLEAR_FAULTS does not cause a unit that has latched off for a fault condition to restart. Units that have shut
down for a fault condition are restarted when:
• The output is commanded through the RUN pin, the OPERATION command, or the combined action of the RUN pin
and OPERATION command, to turn off and then to turn back on, or
• MFR_RESET command is issued.
• Bias power is removed and reapplied to the integrated circuit
SMBALERT_MASK
The SMBALERT_MASK command can be used to prevent a particular status bit or bits from asserting ALERT as they
are asserted.
Figure 33 shows an example of the Write Word format used to set an ALERT mask, in this case without PEC. The bits in
the mask byte align with bits in the specified status register. For example, if the STATUS_TEMPERATURE command code
is sent in the first data byte, and the mask byte contains 0x40, then a subsequent External Overtemperature Warning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com