Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 121 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 121 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 117Page - Analog Devices LTC2977 Datasheet HTML 118Page - Analog Devices LTC2977 Datasheet HTML 119Page - Analog Devices LTC2977 Datasheet HTML 120Page - Analog Devices LTC2977 Datasheet HTML 121Page - Analog Devices LTC2977 Datasheet HTML 122Page - Analog Devices LTC2977 Datasheet HTML 123Page - Analog Devices LTC2977 Datasheet HTML 124Page - Analog Devices LTC2977 Datasheet HTML 125Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 138 page
background image
LTM4664A
121
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS
STATUS_BYTE Message Contents:
BIT
STATUS BIT NAME
MEANING
7*
BUSY
A fault was declared because the LTM4664A was unable to respond.
6
OFF
This bit is set if the channel is not providing power to its output, regardless of the reason, including simply not
being enabled.
5
VOUT_OV
An output overvoltage fault has occurred.
4
IOUT_OC
An output overcurrent fault has occurred.
3
VIN_UV
Not supported (LTM4664A returns 0).
2
TEMPERATURE
A temperature fault or warning has occurred.
1
CML
A communications, memory or logic fault has occurred.
0*
NONE OF THE ABOVE A fault Not listed in bits[7:1] has occurred.
*ALERT can be asserted if either of these bits is set. They may be cleared by writing a 1 to their bit position in the STATUS_BYTE, in lieu of a CLEAR_
FAULTS command.
This command has one data byte.
STATUS_WORD
The STATUS_WORD command returns a two-byte summary of the channel's fault condition. The low byte of the
STATUS_WORD is the same as the STATUS_BYTE command.
STATUS_WORD High Byte Message Contents:
BIT
STATUS BIT NAME
MEANING
15
VOUT
An output voltage fault or warning has occurred.
14
IOUT
An output current fault or warning has occurred.
13
INPUT
An input voltage fault or warning has occurred.
12
MFR_SPECIFIC
A fault or warning specific to the LTM4664A has occurred.
11
POWER_GOOD#
The POWER_GOOD state is false if this bit is set.
10
FANS
Not supported (LTM4664A returns 0).
9
OTHER
Not supported (LTM4664A returns 0).
8
UNKNOWN
Not supported (LTM4664A returns 0).
If any of the bits in the upper byte are set, NONE_OF_THE_ABOVE is asserted.
This command has two data bytes.
STATUS_VOUT
The STATUS_VOUT command returns one byte of VOUT status information.
STATUS_VOUT Message Contents:
BIT
MEANING
7
VOUT overvoltage fault.
6
VOUT overvoltage warning.
5
VOUT undervoltage warning.
4
VOUT undervoltage fault.
3
VOUT max warning.
2
TON max fault.
1
TOFF max fault.
0
Not supported (LTM4664A returns 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com