Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 125 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 125 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 121Page - Analog Devices LTC2977 Datasheet HTML 122Page - Analog Devices LTC2977 Datasheet HTML 123Page - Analog Devices LTC2977 Datasheet HTML 124Page - Analog Devices LTC2977 Datasheet HTML 125Page - Analog Devices LTC2977 Datasheet HTML 126Page - Analog Devices LTC2977 Datasheet HTML 127Page - Analog Devices LTC2977 Datasheet HTML 128Page - Analog Devices LTC2977 Datasheet HTML 129Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 138 page
background image
LTM4664A
125
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS
MFR_COMMON
The MFR_COMMON command contains bits that are common to all LTC digital power and telemetry products.
BIT
MEANING
7
Chip Not Driving ALERT Low
6
LTM4664A Not Busy
5
Calculations Not Pending
4
LTM4664A Outputs Not in Transition
3
NVM Initialized
2
Reserved
1
SHARE_CLK Timeout
0
WP Pin Status
This read-only command has one data byte.
MFR_INFO
The MFR_INFO command contains additional status bits that are LTC3884-specific and may be common to multiple
ADI PSM products.
MFR_INFO Data Contents:
BIT
MEANING
15:5
Reserved.
4
EEPROM ECC status.
0: Corrections made in the EEPROM user space.
1: No corrections made in the EEPROM user space.
3:0
Reserved
EEPROM ECC status is updated after each RESTORE_USER_ALL or RESET command, a power-on reset or an EEPROM
bulk read operation. This read-only command has two data bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com