Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 131 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 131 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 127Page - Analog Devices LTC2977 Datasheet HTML 128Page - Analog Devices LTC2977 Datasheet HTML 129Page - Analog Devices LTC2977 Datasheet HTML 130Page - Analog Devices LTC2977 Datasheet HTML 131Page - Analog Devices LTC2977 Datasheet HTML 132Page - Analog Devices LTC2977 Datasheet HTML 133Page - Analog Devices LTC2977 Datasheet HTML 134Page - Analog Devices LTC2977 Datasheet HTML 135Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 138 page
background image
LTM4664A
131
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS
Fault Logging
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_FAULT_LOG
0xEE
Fault log data bytes.
R Block
N
CF
Y
NA
MFR_FAULT_LOG_ STORE
0xEA
Command a transfer of the fault log from RAM
to EEPROM.
Send Byte
N
NA
MFR_FAULT_LOG_CLEAR
0xEC
Initialize the EEPROM block reserved for fault
logging.
Send Byte
N
NA
MFR_FAULT_LOG
The MFR_FAULT_LOG command allows the user to read the contents of the FAULT_LOG after the first fault occurrence
since the last MFR_FAULT_LOG_CLEAR command was written. The contents of this command are stored in non-volatile
memory, and are cleared by the MFR_FAULT_LOG_CLEAR command. The length and content of this command are listed
in Table 15. If the user accesses the MFR_FAULT_LOG command and no fault log is present, the command will return
a data length of 0. If a fault log is present, the MFR_FAULT_LOG will return a block of data 147 bytes long. If a fault
occurs within the first second of applying power, some of the earlier pages in the fault log may not contain valid data.
NOTE: The approximate transfer time for this command is 3.4ms using a 400kHz clock.
This read-only command is in block format.
MFR_FAULT_LOG_STORE
The MFR_FAULT_LOG_STORE command forces the fault log operation to be written to NVM just as if a fault event
occurred. This command will set bit 3 of the STATUS_MFR_SPECIFIC fault if bit 7 “Enable Fault Logging” is set in the
MFR_CONFIG_ALL command.
If the die temperature exceeds 130°C, the MFR_FAULT_LOG_STORE command is disabled until the IC temperature
drops below 125°C.
This write-only command has no data bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com