Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 133 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 133 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 129Page - Analog Devices LTC2977 Datasheet HTML 130Page - Analog Devices LTC2977 Datasheet HTML 131Page - Analog Devices LTC2977 Datasheet HTML 132Page - Analog Devices LTC2977 Datasheet HTML 133Page - Analog Devices LTC2977 Datasheet HTML 134Page - Analog Devices LTC2977 Datasheet HTML 135Page - Analog Devices LTC2977 Datasheet HTML 136Page - Analog Devices LTC2977 Datasheet HTML 137Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 138 page
background image
LTM4664A
133
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS
CYCLICAL DATA
EVENT n
(Data at Which Fault Occurred; Most Recent Data)
Event “n” represents one complete cycle of ADC reads through the MUX
at time of fault. Example: If the fault occurs when the ADC is processing
step 15, it will continue to take readings through step 25 and then store
the header and all 6 event pages to EEPROM
READ_VOUT (PAGE 0)
[15:8]
LIN 16
27
[7:0]
LIN 16
28
READ_VOUT (PAGE 1)
[15:8]
LIN 16
29
[7:0]
LIN 16
30
READ_IOUT (PAGE 0)
[15:8]
LIN 11
31
[7:0]
LIN 11
32
READ_IOUT (PAGE 1)
[15:8]
LIN 11
33
[7:0]
LIN 11
34
READ_VIN
[15:8]
LIN 11
35
[7:0]
LIN 11
36
READ_IIN
[15:8]
LIN 11
37
[7:0]
LIN 11
38
STATUS_VOUT (PAGE 0)
BYTE
39
STATUS_VOUT (PAGE 1)
BYTE
40
STATUS_WORD (PAGE 0)
[15:8]
WORD
41
[7:0]
WORD
42
STATUS_WORD (PAGE 1)
[15:8]
WORD
43
[7:0]
WORD
44
STATUS_MFR_SPECIFIC (PAGE 0)
BYTE
45
STATUS_MFR_SPECIFIC (PAGE 1)
BYTE
46
EVENT n-1
(data measured before fault was detected)
READ_VOUT (PAGE 0)
[15:8]
LIN 16
47
[7:0]
LIN 16
48
READ_VOUT (PAGE 1)
[15:8]
LIN 16
49
[7:0]
LIN 16
50
READ_IOUT (PAGE 0)
[15:8]
LIN 11
51
[7:0]
LIN 11
52
READ_IOUT (PAGE 1)
[15:8]
LIN 11
53
[7:0]
LIN 11
54
READ_VIN
[15:8]
LIN 11
55
[7:0]
LIN 11
56
READ_IIN
[15:8]
LIN 11
57
[7:0]
LIN 11
58
STATUS_VOUT (PAGE 0)
BYTE
59
STATUS_VOUT (PAGE 1)
BYTE
60
STATUS_WORD (PAGE 0)
[15:8]
WORD
61
[7:0]
WORD
62
STATUS_WORD (PAGE 1)
[15:8]
WORD
63
[7:0]
WORD
64
STATUS_MFR_SPECIFIC (PAGE 0)
BYTE
65
STATUS_MFR_SPECIFIC (PAGE 1)
BYTE
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com