Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 62 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 58Page - ATMEL Corporation AT91 Datasheet HTML 59Page - ATMEL Corporation AT91 Datasheet HTML 60Page - ATMEL Corporation AT91 Datasheet HTML 61Page - ATMEL Corporation AT91 Datasheet HTML 62Page - ATMEL Corporation AT91 Datasheet HTML 63Page - ATMEL Corporation AT91 Datasheet HTML 64Page - ATMEL Corporation AT91 Datasheet HTML 65Page - ATMEL Corporation AT91 Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 153 page
background image
62
AT91X40 Series
1354D–ATARM–08/02
AIC Source Mode Register
Register Name: AIC_SMR0 - AIC_SMR31
Access Type:
Read/Write
Reset Value:
0
Offset:
0x000 - 0x07C
• PRIOR: Priority Level (Code Label AIC_PRIOR)
Program the priority level for all sources except source 0 (FIQ).
The priority level can be between 0 (lowest) and 7 (highest).
The priority level is not used for the FIQ, in the SMR0.
• SRCTYPE: Interrupt Source Type
Program the input to be positive or negative level sensitive or positive or negative edge triggered.
The active level or edge is not programmable for the internal sources.
31
30
29
28
27
26
25
24
––
–––
––
–
23
22
21
20
19
18
17
16
––
–––
––
–
15
14
13
12
11
10
9
8
––
–––
––
–
76
54
32
10
–
SRCTYPE
––
PRIOR
SRCTYPE
External Sources
Code Label
AIC_SRCTYPE
0
0
Low Level Sensitive
AIC_SRCTYPE_EXT_LOW_LEVEL
0
1
Negative Edge Triggered
AIC_SRCTYPE_EXT_NEGATIVE_EDGE
1
0
High Level Sensitive
AIC_SRCTYPE_EXT_HIGH_LEVEL
1
1
Positive Edge Triggered
AIC_SRCTYPE_EXT_POSITIVE_EDGE
SRCTYPE
Internal Sources
Code Label
AIC_SRCTYPE
x
0
Level Sensitive
AIC_SRCTYPE_INT_LEVEL
x
1
Edge Triggered
AIC_SRCTYPE_INT_EDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com