Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 70Page - ATMEL Corporation AT91 Datasheet HTML 71Page - ATMEL Corporation AT91 Datasheet HTML 72Page - ATMEL Corporation AT91 Datasheet HTML 73Page - ATMEL Corporation AT91 Datasheet HTML 74Page - ATMEL Corporation AT91 Datasheet HTML 75Page - ATMEL Corporation AT91 Datasheet HTML 76Page - ATMEL Corporation AT91 Datasheet HTML 77Page - ATMEL Corporation AT91 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 153 page
background image
74
AT91X40 Series
1354D–ATARM–08/02
PIO: Parallel I/O
Controller
The AT91X40 Series has 32 programmable I/O lines. Six pins are dedicated as general
purpose I/O pins (P16, P17, P18, P19, P23 and P24). Other I/O lines are multiplexed
with an external signal of a peripheral to optimize the use of available package pins (see
Table 10). The PIO controller also provides an internal interrupt signal to the Advanced
Interrupt Controller.
Multiplexed I/O Lines
Some I/O lines are multiplexed with an I/O signal of a peripheral. After reset, the pin is
generally controlled by the PIO Controller and is in Input Mode. Table 10 indicates which
of these pins are not controlled by the PIO Controller after reset.
When a peripheral signal is not used in an application, the corresponding pin can be
used as a parallel I/O. Each parallel I/O line is bi-directional, whether the peripheral
defines the signal as input or output. Figure 34 shows the multiplexing of the peripheral
signals with Parallel I/O signals.
If a pin is multiplexed between the PIO Controller and a peripheral, the pin is controlled
by the registers PIO_PER (PIO Enable) and PIO_PDR (PIO Disable). The register
PIO_PSR (PIO Status) indicates whether the pin is controlled by the corresponding
peripheral or by the PIO Controller.
If a pin is a general-purpose parallel I/O pin (not multiplexed with a peripheral),
PIO_PER and PIO_PDR have no effect and PIO_PSR returns 1 for the bits correspond-
ing to these pins.
When the PIO is selected, the peripheral input line is connected to zero.
Output Selection
The user can enable each individual I/O signal as an output with the registers PIO_OER
(Output Enable) and PIO_ODR (Output Disable). The output status of the I/O signals
can be read in the register PIO_OSR (Output Status). The direction defined has effect
only if the pin is configured to be controlled by the PIO Controller.
I/O Levels
Each pin can be configured to be driven high or low. The level is defined in four different
ways, according to the following conditions.
If a pin is controlled by the PIO Controller and is defined as an output (see “Output
Selection” above), the level is programmed using the registers PIO_SODR (Set Output
Data) and PIO_CODR (Clear Output Data). In this case, the programmed value can be
read in PIO_ODSR (Output Data Status).
If a pin is controlled by the PIO Controller and is not defined as an output, the level is
determined by the external circuit.
If a pin is not controlled by the PIO Controller, the state of the pin is defined by the
peripheral (see peripheral datasheets).
In all cases, the level on the pin can be read in the register PIO_PDSR (Pin Data
Status).
Filters
Optional input glitch filtering is available on each pin of the AT91M40800, the
AT91M40807 and the AT91R40807. Filtering is controlled by the registers PIO_IFER
(Input Filter Enable) and PIO_IFDR (Input Filter Disable). The input glitch filtering can be
selected whether the pin is used for its peripheral function or as a parallel I/O line. The
register PIO_IFSR (Input Filter Status) indicates whether or not the filter is activated for
each pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com