Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 7Page - ATMEL Corporation AT91 Datasheet HTML 8Page - ATMEL Corporation AT91 Datasheet HTML 9Page - ATMEL Corporation AT91 Datasheet HTML 10Page - ATMEL Corporation AT91 Datasheet HTML 11Page - ATMEL Corporation AT91 Datasheet HTML 12Page - ATMEL Corporation AT91 Datasheet HTML 13Page - ATMEL Corporation AT91 Datasheet HTML 14Page - ATMEL Corporation AT91 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 153 page
background image
11
AT91X40 Series
1354D–ATARM–08/02
No abort is generated when reading the internal memory or by accessing the internal
peripheral, whether the address is defined or not.
When a write-protected area is accessed, the memory controller detects it and gener-
ates an abort but does not cancel the access.
External Bus Interface
The External Bus Interface handles the accesses between addresses 0x0040 0000 and
0xFFC0 0000. It generates the signals that control access to the external devices, and
can be configured from eight 1M byte banks up to four 16M bytes banks. It supports
byte, half-word and word aligned accesses.
For each of these banks, the user can program:
•
Number of wait states
•
Number of data float times (wait time after the access is finished to prevent any bus
contention in case the device is too long in releasing the bus)
•
Data bus width (8-bit or 16-bit)
•
With a 16-bit wide data bus, the user can program the EBI to control one 16-bit
device (Byte Access Select Mode) or two 8-bit devices in parallel that emulate a 16-
bit memory (Byte Write Access Mode).
The External Bus Interface features also the Early Read Protocol, configurable for all the
devices, that significantly reduces access time requirements on an external device in
the case of single clock cycle access.
Peripherals
The AT91X40 Series’ peripherals are connected to the 32-bit wide Advanced Peripheral
Bus. Peripheral registers are only word accessible – byte and half-word accesses are
not supported. If a byte or a half-word access is attempted, the memory controller auto-
matically masks the lowest address bits and generates a word access.
Each peripheral has a 16-Kbyte address space allocated (the AIC only has a 4-Kbyte
address space).
Peripheral Registers
The following registers are common to all peripherals:
•
Control Register – write only register that triggers a command when a one is written
to the corresponding position at the appropriate address. Writing a zero has no
effect.
•
Mode Register – read/write register that defines the configuration of the peripheral.
Usually has a value of 0x0 after a reset.
•
Data Registers – read and/or write register that enables the exchange of data
between the processor and the peripheral.
•
Status Register – read only register that returns the status of the peripheral.
•
Enable/Disable/Status Registers are shadow command registers. Writing a one in
the Enable Register sets the corresponding bit in the Status Register. Writing a one
in the Disable Register resets the corresponding bit and the result can be read in the
Status Register. Writing a bit to zero has no effect. This register access method
maximizes the efficiency of bit manipulation, and enables modification of a register
with a single non-interruptible instruction, replacing the costly read-modify-write
operation.
Unused bits in the peripheral registers are shown as “–“ and must be written at 0 for
upward compatibility. These bits read 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com