Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 64 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 60Page - ATMEL Corporation AT91 Datasheet HTML 61Page - ATMEL Corporation AT91 Datasheet HTML 62Page - ATMEL Corporation AT91 Datasheet HTML 63Page - ATMEL Corporation AT91 Datasheet HTML 64Page - ATMEL Corporation AT91 Datasheet HTML 65Page - ATMEL Corporation AT91 Datasheet HTML 66Page - ATMEL Corporation AT91 Datasheet HTML 67Page - ATMEL Corporation AT91 Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 153 page
background image
64
AT91X40 Series
1354D–ATARM–08/02
AIC Interrupt Vector Register
Register Name: AIC_IVR
Access Type:
Read Only
Reset Value:0
Offset:
0x100
• IRQV: Interrupt Vector Register
The IRQ Vector Register contains the vector programmed by the user in the Source Vector Register corresponding to the
current interrupt.
The Source Vector Register (1 to 31) is indexed using the current interrupt number when the Interrupt Vector Register is
read.
When there is no current interrupt, the IRQ Vector Register reads 0.
AIC FIQ Vector Register
Register Name: AIC_FVR
Access Type:
Read Only
Reset Value:0
Offset:
0x104
• FIQV: FIQ Vector Register
The FIQ Vector Register contains the vector programmed by the user in the Source Vector Register 0 which corresponds to
FIQ.
31
30
29
28
27
26
25
24
IRQV
23
22
21
20
19
18
17
16
IRQV
15
14
13
12
11
10
9
8
IRQV
76
54
32
10
IRQV
31
30
29
28
27
26
25
24
FIQV
23
22
21
20
19
18
17
16
FIQV
15
14
13
12
11
10
9
8
FIQV
76
54
32
10
FIQV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com