Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT91 Datasheet HTML 1Page - ATMEL Corporation AT91 Datasheet HTML 2Page - ATMEL Corporation AT91 Datasheet HTML 3Page - ATMEL Corporation AT91 Datasheet HTML 4Page - ATMEL Corporation AT91 Datasheet HTML 5Page - ATMEL Corporation AT91 Datasheet HTML 6Page - ATMEL Corporation AT91 Datasheet HTML 7Page - ATMEL Corporation AT91 Datasheet HTML 8Page - ATMEL Corporation AT91 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 153 page
background image
1
Features
• Incorporates the ARM7TDMI™ ARM® Thumb® Processor Core
– High-performance 32-bit RISC Architecture
– High-density 16-bit Instruction Set
– Leader in MIPS/Watt
– Embedded ICE (In-Circuit Emulation)
• On-chip SRAM and/or ROM
– 32-bit Data Bus
– Single-clock Cycle Access
• Fully Programmable External Bus Interface (EBI)
– Maximum External Address Space of 64M Bytes
– Up to 8 Chip Selects
– Software Programmable 8/16-bit External Databus
• 8-level Priority, Individually Maskable, Vectored Interrupt Controller
– 4 External Interrupts, Including a High-priority Low-latency Interrupt Request
• 32 Programmable I/O Lines
• 3-channel 16-bit Timer/Counter
– 3 External Clock Inputs
– 2 Multi-purpose I/O Pins per Channel
• 2 USARTs
– 2 Dedicated Peripheral Data Controller (PDC) Channels per USART
• Programmable Watchdog Timer
• Advanced Power-saving Features
– CPU and Peripheral Can be Deactivated Individually
• Available in a 100-lead TQFP Package
Description
The AT91X40 Series is a subset of the Atmel AT91 16/32-bit microcontroller family,
which is based on the ARM7TDMI processor core. This processor has a high-perfor-
mance 32-bit RISC architecture with a high-density 16-bit instruction set and very low
power consumption. In addition, a large number of internally banked registers result in
very fast exception handling, making the device ideal for real-time control applications.
The AT91X40 Series features a direct connection to off-chip memory, including Flash,
through the fully programmable External Bus Interface (EBI). An eight-level priority
vectored interrupt controller, in conjunction with the Peripheral Data Controller signifi-
cantly improve the real-time performance of the device.
The devices are manufactured using Atmel’s high-density CMOS technology. By com-
bining the ARM7TDMI processor core with on-chip high-speed memory and a wide
range of peripheral functions on a monolithic chip, the Atmel AT91X40 Series is a fam-
ily of powerful microcontrollers that offer a flexible, cost-effective solution to many
compute-intensive embedded control applications.
Microcontroller
Primary SRAM Bank
Secondary SRAM Bank
ROM
AT91M40800
8K Bytes
–
–
AT91R40807
8K Bytes
128K Bytes
–
AT91M40807
8K Bytes
–
128K Bytes
AT91R40008
256K Bytes
–
–
AT91
ARM
® Thumb®
Microcontrollers
AT91M40800
AT91R40807
AT91M40807
AT91R40008
Rev. 1354D–ATARM–08/02


Similar Part No. - AT91

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
AT9112 ATOM-AT9112 Datasheet
504Kb / 1P
3W Recessed LED Path Lights
AT9112/BL ATOM-AT9112/BL Datasheet
504Kb / 1P
3W Recessed LED Path Lights
AT9112/CW ATOM-AT9112/CW Datasheet
504Kb / 1P
3W Recessed LED Path Lights
AT9112/WW ATOM-AT9112/WW Datasheet
504Kb / 1P
3W Recessed LED Path Lights
logo
Analog Microelectronics
AT9173 AME-AT9173 Datasheet
462Kb / 17P
Bus Termination Regulator
More results

Similar Description - AT91

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91F40816 ATMEL-AT91F40816 Datasheet
248Kb / 22P
ARM Thumb Microcontrollers
AT91M55800A ATMEL-AT91M55800A Datasheet
3Mb / 227P
ARM Thumb Microcontrollers
AT91M63200 ATMEL-AT91M63200 Datasheet
244Kb / 12P
ARM Thumb Microcontrollers
AT91M43300 ATMEL-AT91M43300 Datasheet
156Kb / 9P
ARM Thumb Microcontrollers
AT91FR40161 ATMEL-AT91FR40161 Datasheet
179Kb / 22P
ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
AT91 ARM Thumb Microcontrollers
AT91SAM7XC512 ATMEL-AT91SAM7XC512_09 Datasheet
768Kb / 47P
ARM Thumb-based Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com