Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT91 Datasheet HTML 1Page - ATMEL Corporation AT91 Datasheet HTML 2Page - ATMEL Corporation AT91 Datasheet HTML 3Page - ATMEL Corporation AT91 Datasheet HTML 4Page - ATMEL Corporation AT91 Datasheet HTML 5Page - ATMEL Corporation AT91 Datasheet HTML 6Page - ATMEL Corporation AT91 Datasheet HTML 7Page - ATMEL Corporation AT91 Datasheet HTML 8Page - ATMEL Corporation AT91 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 153 page
background image
3
AT91X40 Series
1354D–ATARM–08/02
Table 1. AT91X40 Series Pin Description
Module
Name
Function
Type
Active
Level
Comments
EBI
A0 - A23
Address Bus
Output
–
All valid after reset
D0 - D15
Data Bus
I/O
–
NCS0 - NCS3
Chip Select
Output
Low
CS4 - CS7
Chip Select
Output
High
A23 - A20 after reset
NWR0
Lower Byte 0 Write Signal
Output
Low
Used in Byte Write option
NWR1
Upper Byte 1 Write Signal
Output
Low
Used in Byte Write option
NRD
Read Signal
Output
Low
Used in Byte Write option
NWE
Write Enable
Output
Low
Used in Byte Select option
NOE
Output Enable
Output
Low
Used in Byte Select option
NUB
Upper Byte Select
Output
Low
Used in Byte Select option
NLB
Lower Byte Select
Output
Low
Used in Byte Select option
NWAIT
Wait Input
Input
Low
BMS
Boot Mode Select
Input
–
Sampled during reset
AIC
FIQ
Fast Interrupt Request
Input
–
PIO-controlled after reset
IRQ0 - IRQ2
External Interrupt Request
Input
–
PIO-controlled after reset
TC
TCLK0 - TCLK2
Timer External Clock
Input
–
PIO-controlled after reset
TIOA0 - TIOA2
Multipurpose Timer I/O Pin A
I/O
–
PIO-controlled after reset
TIOB0 - TIOB2
Multipurpose Timer I/O Pin B
I/O
–
PIO-controlled after reset
USART
SCK0 - SCK1
External Serial Clock
I/O
–
PIO-controlled after reset
TXD0 - TXD1
Transmit Data Output
Output
–
PIO-controlled after reset
RXD0 - RXD1
Receive Data Input
Input
–
PIO-controlled after reset
PIO
P0 - P31
Parallel IO Line
I/O
–
WD
NWDOVF
Watchdog Overflow
Output
Low
Open-drain
Clock
MCKI
Master Clock Input
Input
–
Schmidt trigger
MCKO
Master Clock Output
Output
–
Reset
NRST
Hardware Reset Input
Input
Low
Schmidt trigger
NTRI
Tri-state Mode Select
Input
Low
Sampled during reset
ICE
TMS
Test Mode Select
Input
–
Schmidt trigger, internal pull-up
TDI
Test Data Input
Input
–
Schmidt trigger, internal pull-up
TDO
Test Data Output
Output
–
TCK
Test Clock
Input
–
Schmidt trigger, internal pull-up
Power
VDDIO
I/O Power
Power
–
VDDCORE
Core Power
Power
–
GND
Ground
Ground
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com