Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 43Page - ATMEL Corporation AT91 Datasheet HTML 44Page - ATMEL Corporation AT91 Datasheet HTML 45Page - ATMEL Corporation AT91 Datasheet HTML 46Page - ATMEL Corporation AT91 Datasheet HTML 47Page - ATMEL Corporation AT91 Datasheet HTML 48Page - ATMEL Corporation AT91 Datasheet HTML 49Page - ATMEL Corporation AT91 Datasheet HTML 50Page - ATMEL Corporation AT91 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 153 page
background image
47
AT91X40 Series
1354D–ATARM–08/02
• PAGES: Page Size
• TDF: Data Float Output Time
• BAT: Byte Access Type
• CSEN: Chip Select Enable (Code Label EBI_CSEN)
0 = Chip select is disabled.
1 = Chip select is enabled.
• BA: Base Address (Code Label EBI_BA)
These bits contain the highest bits of the base address. If the page size is larger than 1M byte, the unused bits of the base
address are ignored by the EBI decoder.
PAGES
Page Size
Active Bits in Base Address
Code Label
EBI_PAGES
0
0
1M Byte
12 Bits (31 - 20)
EBI_PAGES_1M
0
1
4M Bytes
10 Bits (31 - 22)
EBI_PAGES_4M
1
0
16M Bytes
8 Bits (31 - 24)
EBI_PAGES_16M
1
1
64M Bytes
6 Bits (31 - 26)
EBI_PAGES_64M
TDF
Number of Cycles Added after the Transfer
Code Label
EBI_TDF
00
0
0
EBI_TDF_0
00
1
1
EBI_TDF_1
01
0
2
EBI_TDF_2
01
1
3
EBI_TDF_3
10
0
4
EBI_TDF_4
10
1
5
EBI_TDF_5
11
0
6
EBI_TDF_6
11
1
7
EBI_TDF_7
BAT
Selected BAT
Code Label
EBI_BAT
0
Byte-write access type.
EBI_BAT_BYTE_WRITE
1
Byte-select access type.
EBI_BAT_BYTE_SELECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com