Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 94 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 90Page - ATMEL Corporation AT91 Datasheet HTML 91Page - ATMEL Corporation AT91 Datasheet HTML 92Page - ATMEL Corporation AT91 Datasheet HTML 93Page - ATMEL Corporation AT91 Datasheet HTML 94Page - ATMEL Corporation AT91 Datasheet HTML 95Page - ATMEL Corporation AT91 Datasheet HTML 96Page - ATMEL Corporation AT91 Datasheet HTML 97Page - ATMEL Corporation AT91 Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 153 page
background image
94
AT91X40 Series
1354D–ATARM–08/02
SF: Special Function
Registers
The AT91X40 Series provides registers which implement the following special functions.
•
Chip identification
•
RESET status
•
Protect Mode (see “Protect Mode” on page 60)
Chip Identification
Table 13 provides the Chip ID values for the products described in this datasheet.
SF User Interface
Chip ID Base Address = 0xFFF00000 (Code Label SF_BASE)
Table 13. Chip ID Values
Product
Chip
AT91M40800
0x14080044
AT91R40807
0x44080746
AT91M40807
0x14080745
AT91R40008
0x44000840
Table 14. SF Memory Map
Offset
Register
Name
Access
Reset State
0x00
Chip ID Register
SF_CIDR
Read Only
Hardwired
0x04
Chip ID Extension Register
SF_EXID
Read Only
Hardwired
0x08
Reset Status Register
SF_RSR
Read Only
See register
description
0x0C
Memory Mode Register
SF_MMR
Read/Write
0x0
0x10
Reserved
–
–
–
0x14
Reserved
–
–
–
0x18
Protect Mode Register
SF_PMR
Read/Write
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com