Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 13Page - ATMEL Corporation AT91 Datasheet HTML 14Page - ATMEL Corporation AT91 Datasheet HTML 15Page - ATMEL Corporation AT91 Datasheet HTML 16Page - ATMEL Corporation AT91 Datasheet HTML 17Page - ATMEL Corporation AT91 Datasheet HTML 18Page - ATMEL Corporation AT91 Datasheet HTML 19Page - ATMEL Corporation AT91 Datasheet HTML 20Page - ATMEL Corporation AT91 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 153 page
background image
17
AT91X40 Series
1354D–ATARM–08/02
Peripheral Memory Map
Figure 5. Peripheral Memory Map
Address
Peripheral
Peripheral Name
Size
0xFFFFFFFF
0xFFFFF000
0xFFFFBFFF
0xFFFF8000
0xFFFF7FFF
0xFFFF4000
0xFFFF3FFF
0xFFFF0000
0xFFFE3FFF
0xFFFE0000
0xFFFCFFFF
0xFFFCC000
0xFFFD3FFF
0xFFFD0000
0xFFF03FFF
0xFFF00000
0xFFE03FFF
0xFFE00000
0xFFC00000
AIC
WD
PS
PIO
TC
USART1
USART0
SF
EBI
Advanced Interrupt Controller
Reserved
WatchdogTimer
Power Saving
Parallel I/O Controller
Reserved
Timer Counter
Universal Synchronous/
Asynchronous
Receiver/Transmitter 1
Universal Synchronous/
Asynchronous
Receiver/Transmitter 0
Reserved
Special Function
External Bus Interface
Reserved
4K Bytes
16K Bytes
16K Bytes
16K Bytes
16K Bytes
16K Bytes
16K Bytes
16K Bytes
16K Bytes
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com